Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34262G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MC34262G-S08-R
Description  POWER FACTOR CONTROLLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34262G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MC34262G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC34262
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R114-006 .a
MARKING
DIP-8
SOP-8
PIN CONFIGURATION
FB
COMP
MULT
CS
VCC
GD
GND
ZCD
1
2
3
4
8
7
6
5
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
FB
Iverting input of the error amplifier. The information on the out voltage of the
boost converter is fed into the pin through a resistor divider.
2
COMP
Out of the error amplifier. This pin is connected to ground via a compensation
capacitor to achieve stability of the voltage control loop.
3
MULT
Input to the multiplier. This pin is connected to the line voltage after the birdge
rectified diodes via a resistor divider to provide sinusoidal reference voltage to the
current loop.
4
CS
Input to the CS comparator. The MOSFET current is sensed by a resistor, the
resulting voltage is applied to this pin and compared with an internal
sinusoidal-shaped reference generated by the multiplier to determine the
MOSFET's turn off.
5
ZCD
Zero Current Detector input. This pin is connected to the auxiliary winding via a
resistor to sense the inductor current zero crossing point by monitoring the
auxiliary winding voltage falls blow 1.4V. When activated, a new switching cycle
starts.
6
GND
Ground pin.
7
GD
Gate driver out. The totem pole output stage is able to driver power MOSFET,
The high-level voltage of the pin is clamped at about 16V.
8
VCC
Supply voltage of driver and control circuits.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com