Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34262G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # MC34262G-S08-R
Description  POWER FACTOR CONTROLLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34262G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

  MC34262G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MC34262
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R114-006 .a
TYPICAL APPLICATION CIRCUIT
D2 D4
D1
D3
92V~268V
Vac
RFI
Filter
1u
C5
1.3M
R5
12k
R3
0.01u
C2
100u
C4
0.68u
C1
MTP
14N50E
Q1
0.1
R7
10k
R1
+
330u
C3
+
-
1.6M
R2
D5
V0
400V/0.44A
+
MUR460
T
22k
R4
1N4934
D6
51
7
4
2
6
3
8
Figure 2. 175W Power Factor Controller
100k
R6
D2 D4
D1
D3
92V~268V
Vac
RFI
Filter
2u
C5
1.3M
R5
12k
R3
0.01u
C2
100u
C4
0.68u
C1
MTP
20N50E
Q1
0.05
R7
10k
R1
+
330u
C3
+
-
1.6M
R2
D5
V0
400V/1.125A
+
MUR460
T
22k
R4
1N4934
D6
51
7
4
2
6
3
8
Figure 3. 450W Power Factor Controller
100k
R6
330
0.001u
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com