Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34262G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC34262G-S08-R
Description  POWER FACTOR CONTROLLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34262G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MC34262G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC34262
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R114-006 .a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL RATINGS
UNIT
Total Power Supply And Zener Current
(ICC+IZ)
30
mA
Output Current, Source Or Sink
lO
500
mA
Current Sense, Multiplier, And Voltage Feedback Inputs
VIN
-1.0~+10
V
High State Forward Current
50
Zero Current Detect Input
Low State Reverse Current
IIN
-10
mA
Maximum Power Dissipation (TA=70°C)
PD
800
mW
N Suffix,
Plastic
Package
Thermal Resistance, Junction-to-Air
RθJA
100
°C/W
Maximum Power Dissipation (TA=70°C)
PD
450
mW
Power Dissipation And
Thermal Characteristics
D Suffix,
Plastic
Package
Thermal Resistance, Junction-to-Air
RθJA
178
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
TA
0~+85
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(\/CC=12V, for min/max values TA is the operating ambient temperature range that applies unless otherwise noted.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
ERROR AMPLIFIER
TA=25°C
2.465
2.535
V
Voltage Feedback Input Threshold
VFB
TA=Tlow~Thigh, VCC=12V~28V
2.44
2.54
Line Regulation
Regline
VCC=12V~28V, TA=25°C
10
mV
Input Bias Current
IIB
VFB=0V
-0.5
μA
Transconductance
gm
TA=25°C
80
130
μmho
Source
VFB=2.3V
10
μA
Output Current
Sink
lO
VFB=2.7V
10
μA
High State
VOH (EA)
VFB=2.3V
5.8
V
Output Voltage Swing
Low State
VOL (EA)
VFB=2.7V
2.4
V
OVERVOLTAGE COMPARATOR
Voltage Feedback Input Threshold
VFB (OV)
1.065
VFB
1.095
VFB
V
MULTIPLIER
Input Bias Current, MULT
IMULT
VFB=0V
-0.5
μA
Input Threshold, COMP
VTH (M)
1.05
VOL(EA)
V
Multiplier
Input
VMULT
0~2.5
V
Dynamic Input Voltage
Range
Compensation
VCOMP
VTH(M)~
(VTH(M)
+1.0)
V
Multiplier Gain
K
VMULT=0.5V, VCOMP=VTH(M)+1.0V 0.43
0.87
1/V
ZERO CURRENT DETECTOR
Input Threshold Voltage
VTH
VIN Increasing
1.33
1.87
V
Hysteresis
VHys
VIN Decreasing
100
300
mV
High State
VZCDH
IDET=+3.0mA
6.1
V
Input Clamp Voltage
Low State
VZCDL
IDET=-3.0mA
0.3
1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com