Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34262G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MC34262G-S08-R
Description  POWER FACTOR CONTROLLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34262G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  MC34262G-S08-R Datasheet HTML 1Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 2Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 3Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 4Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 5Page - Unisonic Technologies MC34262G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MC34262
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R114-006 .a
POWER FACTOR
CONTROLLERS
DESCRIPTION
The UTC MC34262 is an active power factor controller that
functions as a boost preconverter in electronic ballast and in off-line
power converter applications.
These integrated circuits feature an internal startup timer for
stand-alone applications, one quadrant multiplier for near unity
power factor, zero current detector to ensure critical conduction
operation, transconductance error amplifier, quick start circuit for
enhanced startup, trimmed internal bandgap reference, current
sensing comparator, and a totem pole output ideally suited for
driving a power MOSFET.
The multi-protection function of UTC MC34262 can greatly
enhance the system reliability and safety. The UTC MC34262
features output over voltage protection, input UVLO with
hysteresis, cycle-by-cycle current limiting, multiplier output clamp
that limits maximum peak switch current, and a drive output high
state clamp for MOSFET gate protection. These devices are
available in dual-in-line and surface mount plastic packages.
FEATURES
* Output over voltage protection
* Internal Startup Timer
* One Quadrant Multiplier
* Zero Current Detector
* Trimmed 2% Internal Bandgap Reference
* Totem Pole Output with High State Clamp
* Undervoltage Lockout (UVLO) with 5.0V of Hysteresis
* Low Startup and Operating Current
* Supersedes Functionality of SG3561, TDA4817 and UTC
MC34262
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
MC34262L-D08-T
MC34262G-D08-T
DIP-8
Tube
-
MC34262G-S08-R
SOP-8
Tape Reel
MC34262L-D08-T
(1)Packing Type
(2)Package Type
(1) T: Tube, R: Tape Reel
(2) D08: DIP-8, S08: SOP-8
(3) L: Lead Free, G: Halogen Free and Lead Free
(3)Green Package


Similar Part No. - MC34262G-S08-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
POWER FACTOR CONTROLLERS
1996 REV 1
MC34262 ONSEMI-MC34262 Datasheet
394Kb / 19P
Power Factor Controllers
November, 2005 ??Rev. 9
MC34262 ONSEMI-MC34262 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
International Rectifier
MC34262 IRF-MC34262 Datasheet
355Kb / 16P
High Power Factor/Low THD
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
Power Factor Controllers
More results

Similar Description - MC34262G-S08-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262 Datasheet
393Kb / 16P
POWER FACTOR CONTROLLERS
1996 REV 1
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
Power Factor Controllers
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
Power Factor Controllers
September, 2011 ??Rev. 13
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
Power Factor Controllers
August, 2013 ??Rev. 14
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
Power Factor Controllers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com