Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154-EBZ Datasheet(PDF) 80 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 80 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 76Page - Analog Devices AD9154-EBZ Datasheet HTML 77Page - Analog Devices AD9154-EBZ Datasheet HTML 78Page - Analog Devices AD9154-EBZ Datasheet HTML 79Page - Analog Devices AD9154-EBZ Datasheet HTML 80Page - Analog Devices AD9154-EBZ Datasheet HTML 81Page - Analog Devices AD9154-EBZ Datasheet HTML 82Page - Analog Devices AD9154-EBZ Datasheet HTML 83Page - Analog Devices AD9154-EBZ Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 80 of 124
STEP 5: DATA LINK LAYER
Note that this procedure does not guarantee deterministic latency.
Table 88. Data Link Layer (Does Not Guarantee Deterministic Latency)
Command
Address
Value
Description
W
0x301
0x01
Set subclass = 1
W
0x304
0x00
Set the LMFC delay setting to 0
W
0x305
0x00
Set the LMFC delay setting to 0
W
0x306
0x0A
Set the LMFC receive buffer delay to 10
W
0x307
0x0A
Set the LMFC receive buffer delay to 10
W
0x03A
0x01
Set sync mode to one-shot sync
W
0x03A
0x81
Enable the sync machine
W
0x03A
0xC1
Arm the sync machine
SYSREF±
Ensure that at least one SYSREF± edge is sent to the device
W
0x300
0x0B
Bit 1 and Bit 0 = 1 to enable Link 0 and Link 1, Bit 2 = 0 to access Link 0
STEP 6: ERROR MONITORING
Link 0 Checks
Confirm that the registers in Table 89 read back as noted and system tasks are completed as described.
Table 89. Link 0 Checks
Command
Address
Value
Description
R
0x470
0x0F
Acknowledge that four consecutive K28.5 characters have been detected on Lane 0 to Lane 3.
SYNCOUT0±
Confirm that SYNCOUT0± is high.
SERDINx±
Apply ILAS and data to the SERDES input pins.
R
0x471
0x0F
Check for frame sync on all lanes.
R
0x472
0x0F
Check for good checksum.
R
0x473
0x0F
Check for ILAS.
Link 1 Checks
Confirm that the registers in Table 90 read back as noted and system tasks are completed as described.
Table 90. Link 1 Checks
Command
Address
Value
Description
W
0x300
0x0F
Bit 2 = 1 to access Link 1.
R
0x470
0x0F
Acknowledge that four consecutive K28.5 characters have been detected on Lane 4 to Lane 7.
SYNCOUT1±
Confirm that SYNCOUT1± is high.
SERDINx±
Apply ILAS and data to the SERDES input pins.
R
0x471
0x0F
Check for frame sync on all lanes.
R
0x472
0x0F
Check for good checksum.
R
0x473
0x0F
Check for ILAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com