Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154-EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9154-EBZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154-EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9154-EBZ Datasheet HTML 8Page - Analog Devices AD9154-EBZ Datasheet HTML 9Page - Analog Devices AD9154-EBZ Datasheet HTML 10Page - Analog Devices AD9154-EBZ Datasheet HTML 11Page - Analog Devices AD9154-EBZ Datasheet HTML 12Page - Analog Devices AD9154-EBZ Datasheet HTML 13Page - Analog Devices AD9154-EBZ Datasheet HTML 14Page - Analog Devices AD9154-EBZ Datasheet HTML 15Page - Analog Devices AD9154-EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 124 page
background image
AD9154
Data Sheet
Rev. C | Page 12 of 124
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PVDD12
CLK+
CLK–
PVDD12
SYSREF+
SYSREF–
PVDD12
PVDD12
PVDD12
NOTES
1. THE EXPOSED PAD MUST BE SECURELY CONNECTED TO THE GROUND PLANE.
2. DNC = DO NOT CONNECT.
PVDD12
TXEN0
TXEN1
DVDD12
DVDD12
SERDIN0+
SERDIN0–
17
SVDD12
18
SERDIN1+
19
SERDIN1–
20
SVDD12
58
57
56
55
54
53
52
51
50
49
48
47
46
45
PDP OUT1
59 PDP OUT0
60 IRQ
61 RESET
62 SDO
63 SDIO
64 SCLK
65 CS
66 IOVDD
PVDD12
PVDD12
DNC
DNC
DVDD12
SERDIN7+
SERDIN7–
SVDD12
SERDIN6+
SERDIN6–
SVDD12
VTT
SVDD12
21
VTT
22
SVDD12
AD9154
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 12. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 7, 8, 9, 10,
56, 57
PVDD12
1.2 V Clock Supplies.
2
CLK+
PLL Reference/Clock Input, Positive. When the PLL is used, this pin is the positive reference clock input.
When the PLL is not used, this pin is the positive device clock input. This pin is self biased and must be
ac-coupled.
3
CLK−
PLL Reference/Clock Input, Negative. When the PLL is used, this pin is the negative reference clock input.
When the PLL is not used, this pin is the negative device clock input. This pin is self biased and must be
ac-coupled.
5
SYSREF+
Timing Reference Input, Positive. This pin is used in JESD204B Subclass 1 systems and is self biased,
ac-coupled, or dc-coupled.
6
SYSREF−
Timing Reference Input, Negative. This pin is used in JESD204B Subclass 1 systems and is self biased,
ac-coupled, or dc-coupled.
11
TXEN0
Transmit enable for DAC0 and DAC1. CMOS levels are determined with respect to IOVDD.
12
TXEN1
Transmit Enable for DAC2 and DAC3. CMOS levels are determined with respect to IOVDD.
13, 14, 53
DVDD12
1.2 V Digital Supplies.
15
SERDIN0+
Serial Channel Input 0, Positive. CML compliant. SERDIN0+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
16
SERDIN0−
Serial Channel Input 0, Negative. CML compliant. SERDIN0− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
17, 20, 22, 28,
31, 32, 33, 36,
39, 45, 47, 50
SVDD12
1.2 V JESD204B Receiver Supplies.
18
SERDIN1+
Serial Channel Input 1, Positive. CML compliant. SERDIN1+ is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
19
SERDIN1−
Serial Channel Input 1, Negative. CML compliant. SERDIN1− is internally terminated to the VTT pin voltage
using a calibrated 50 Ω resistor. This pin is ac-coupled only.
21, 25, 42, 46
VTT
1.2 V Termination Voltage Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com