Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6044 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6044
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6044 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6044 Datasheet HTML 2Page - Microchip Technology MCP6044 Datasheet HTML 3Page - Microchip Technology MCP6044 Datasheet HTML 4Page - Microchip Technology MCP6044 Datasheet HTML 5Page - Microchip Technology MCP6044 Datasheet HTML 6Page - Microchip Technology MCP6044 Datasheet HTML 7Page - Microchip Technology MCP6044 Datasheet HTML 8Page - Microchip Technology MCP6044 Datasheet HTML 9Page - Microchip Technology MCP6044 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MCP6041/2/3/4
DS21669B-page 6
2002 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = +5 V, VSS = GND, TA = 25°C, VCM = VDD/2, RL = 1 MΩ to VDD/2,
CL = 60 pF, and VOUT ~VDD/2.
FIGURE 2-13:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-14:
Common Mode Rejection
Ratio, Power Supply Rejection Ratio vs.
Frequency.
FIGURE 2-15:
Input Bias, Offset Currents
vs. Common Mode Input Voltage with
Temperature = 85°C.
FIGURE 2-16:
Input Noise Voltage Density
vs. Common Mode Input Voltage.
FIGURE 2-17:
Common Mode Rejection
Ratio, Power Supply Rejection Ratio vs.
Temperature.
FIGURE 2-18:
Input Bias, Offset Currents
vs. Temperature.
100
1000
0.1
1
10
100
1000
Frequency (Hz)
eni = 170 nV/ Hz, f = 1 kHz
Eni = 5.0 µVp-p,
f = 0.1 to 10 Hz
20
30
40
50
60
70
80
90
0.1
1
10
100
1000
Frequency (Hz)
VDD = 5.0V
CMRR
PSRR+
PSRR-
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Common Mode Input Voltage (V)
Input Bias Current
Input Offset Current
TA = 85°C
VDD = 5.5V
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Common Mode Input Voltage (V)
f = 1 kHz
VDD = 5V
70
75
80
85
90
95
100
-40
-20
0
20
40
60
80
Temperature (°C)
PSRR
CMRR
1182 Samples
VDD = 5.0V
VCM = VSS
0
5
10
15
20
25
30
35
40
45
-40
-20
0
20
406080
Temperature ( °C)
Input Offset Current
Input Bias Current
VDD = 5.5V
VCM = VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com