Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6044 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6044
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6044 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6044 Datasheet HTML 5Page - Microchip Technology MCP6044 Datasheet HTML 6Page - Microchip Technology MCP6044 Datasheet HTML 7Page - Microchip Technology MCP6044 Datasheet HTML 8Page - Microchip Technology MCP6044 Datasheet HTML 9Page - Microchip Technology MCP6044 Datasheet HTML 10Page - Microchip Technology MCP6044 Datasheet HTML 11Page - Microchip Technology MCP6044 Datasheet HTML 12Page - Microchip Technology MCP6044 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
 2002 Microchip Technology Inc.
DS21669B-page 9
MCP6041/2/3/4
Note:
Unless otherwise indicated, VDD = +5 V, VSS = GND, TA = 25°C, VCM = VDD/2, RL = 1 MΩ to VDD/2,
CL = 60 pF, and VOUT ~VDD/2.
FIGURE 2-31:
Slew Rate vs. Temperature.
FIGURE 2-32:
Output Voltage Headroom
vs. Load Resistance vs. Power Supply Voltage.
FIGURE 2-33:
Small Signal Non-Inverting
Pulse Response.
FIGURE 2-34:
Output Voltage Swing vs.
Frequency vs. Power Supply Voltage.
FIGURE 2-35:
Output Voltage Headroom
vs. Temperature.
FIGURE 2-36:
Small Signal Inverting Pulse
Response.
0
1
2
3
4
5
6
-40
-20
0
2040
6080
Temperature (°C)
High-to-Low Transition
Low-to-High Transition
VDD = 5.0V
1
10
100
1.E+03
1.E+04
1.E+05
Load Resistance ( )
VOL-VSS @ VDD = 5.5V
1k
10k
100k
VOL-VSS @ VDD = 1.4V
VDD-VOH @ VDD = 5.5V
VDD-VOH @ VDD = 1.4V
-3. E-02
-2. E-02
-2. E-02
-1. E-02
-5. E-03
0.E+00
5.E-03
1.E-02
2.E-02
2.E-02
3.E-02
0.E+00
1.E-04
2.E-04
3.E-04
4.E-04
5.E-04
6.E-04
7.E-04
8.E-04
9.E-04
1.E-03
Time (100 µs/div)
VDD = 5.0V
G = +1 V/V
RL = 50 kΩ
0.1
1
10
1.E +01
1.E +02
1.E +03
1.E +04
Frequency (Hz)
10
100
1k
10k
VDD = 5.5V
VDD = 1.4V
0
1
2
3
4
5
-40
-20
0
20406080
Temperature (°C)
VOL - VSS
VDD - VOH
VDD = 5.5V
RL = 50 kΩ
-0. 025
-0. 020
-0. 015
-0. 010
-0. 005
0.000
0.005
0.010
0.015
0.020
0.025
0.0E+00
1.0E-04
2.0E-04
3.0E-04
4.0E-04
5.0E-04
6.0E-04
7.0E-04
8.0E-04
9.0E-04
1.0E-03
Time (100 µs/div)
VDD = 5.0V
G = -1 V/V
RL = 50 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com