Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6044 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP6044
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6044 Datasheet(HTML) 2 Page - Microchip Technology

  MCP6044 Datasheet HTML 1Page - Microchip Technology MCP6044 Datasheet HTML 2Page - Microchip Technology MCP6044 Datasheet HTML 3Page - Microchip Technology MCP6044 Datasheet HTML 4Page - Microchip Technology MCP6044 Datasheet HTML 5Page - Microchip Technology MCP6044 Datasheet HTML 6Page - Microchip Technology MCP6044 Datasheet HTML 7Page - Microchip Technology MCP6044 Datasheet HTML 8Page - Microchip Technology MCP6044 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MCP6041/2/3/4
DS21669B-page 2
2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VDD - VSS ......................................................................................7.0 V
All inputs and outputs................................... VSS –0.3 V to VDD +0.3 V
Difference Input voltage ..................................................... |VDD - VSS|
Output Short Circuit Current ...............................................continuous
Current at Input Pins ..................................................................±2 mA
Current at Output and Supply Pins ..........................................±30 mA
Storage temperature ...................................................-65°C to +150°C
Ambient temp. with power applied ..............................-55°C to +125°C
ESD protection on all pins (HBM)
.....................................................≥ 4kV
*Notice: Stresses above those listed under “Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is
not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.
PIN FUNCTION TABLE
MCP6041/2/3/4 DC ELECTRICAL SPECIFICATIONS
Name
Function
+IN/+INA/+INB/+INC/+IND
Non-inverting Inputs
-IN/-INA/-INB/-INC/-IND
Inverting Inputs
VDD
Positive Power Supply
VSS
Negative Power Supply
OUT/OUTA/OUTB/OUTC/OUTD Outputs
CS
Chip Select
NC
No internal connection to
IC
Electrical Characteristics: Unless otherwise indicated, all limits are specified for VDD = +1.4 V to +5.5 V, VSS = GND, TA = 25 °C,
VCM = VDD/2, RL = 1 MΩ to VDD/2, and VOUT ~ VDD/2
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset:
VCM = VSS
Input Offset Voltage
VOS
-3.0
—
+3.0
mV
Drift with Temperature
∆VOS/∆T—
±1.5
—
µV/°C
TA= -40°C to+85°C
Power Supply Rejection
PSRR
70
85
—
dB
Input Bias Current and Impedance:
Input Bias Current
IB
—1.0
—
pA
Input Bias Current Over Temperature
IB
——
100
pA
TA= -40°C to+85°
Input Offset Current
IOS
—1.0
—
pA
Common Mode Input Impedance
ZCM
—1013||6
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||6
—
Ω||pF
Common Mode:
Common-Mode Input Range
VCMR
VSS−0.3
—
VDD+0.3
V
Common-Mode Rejection Ratio
CMRR
62
80
—
dB
VDD = 5 V,
VCM = -0.3 V to 5.3 V
60
75
—
dB
VDD = 5 V,
VCM = 2.5 V to 5.3 V
60
80
—
dB
VDD = 5 V,
VCM = -0.3 V to 2.5 V
Open Loop Gain:
DC Open Loop Gain (large signal)
AOL
95
115
—
dB
RL = 50 kΩ to VDD/2,
100 mV < VOUT < (VDD −
100 mV)
Output:
Maximum Output Voltage Swing
VOL, VOH VSS + 10
—
VDD − 10
mV
RL = 50 kΩ to VDD/2
Linear Region Output Voltage Swing
VOVR
VSS + 100
—
VDD − 100
mV
RL = 50 kΩ to VDD/2,
AOL ≥ 95 dB
Output Short Circuit Current
IO
—21
—
mA
VOUT = 2.5 V, VDD = 5 V
Power Supply:
Supply Voltage
VDD
1.4
—
5.5
V
Quiescent Current per amplifier
IQ
0.3
0.6
1.0
µA
IO = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com