Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6044 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6044
Description  600 nA, Rail-to-Rail Input/Output Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6044 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6044 Datasheet HTML 3Page - Microchip Technology MCP6044 Datasheet HTML 4Page - Microchip Technology MCP6044 Datasheet HTML 5Page - Microchip Technology MCP6044 Datasheet HTML 6Page - Microchip Technology MCP6044 Datasheet HTML 7Page - Microchip Technology MCP6044 Datasheet HTML 8Page - Microchip Technology MCP6044 Datasheet HTML 9Page - Microchip Technology MCP6044 Datasheet HTML 10Page - Microchip Technology MCP6044 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2002 Microchip Technology Inc.
DS21669B-page 7
MCP6041/2/3/4
Note:
Unless otherwise indicated, VDD = +5 V, VSS = GND, TA = 25°C, VCM = VDD/2, RL = 1 MΩ to VDD/2,
CL = 60 pF, and VOUT ~VDD/2.
FIGURE 2-19:
Quiescent Current vs.
Temperature vs. Power Supply Voltage.
FIGURE 2-20:
Open Loop Gain, Phase vs.
Frequency with VDD = 5.5 V.
FIGURE 2-21:
Open Loop Gain vs. Power
Supply Voltage.
FIGURE 2-22:
Quiescent Current Vs.
Power Supply Voltage vs. Temperature.
FIGURE 2-23:
Open Loop Gain vs. Load
Resistance vs. Power Supply Voltage.
FIGURE 2-24:
Open Loop Gain vs. Output
Voltage Headroom vs. Power Supply Voltage.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
-40
-20
0
20
40
60
80
Temperature (° C)
VDD = 1.4V
VDD = 5.5V
-20
0
20
40
60
80
100
120
140
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
-240
-210
-180
-150
-120
-90
-60
-30
0
VDD = 5.5V
0.001 0.01
0.1
1
10
100
1k
10k 100k
Open Loop Gain
Open Loop Phase
80
90
100
110
120
130
140
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage, VDD (V)
RL = 50 kΩ
VSS + 100 mV < VOUT < VDD - 100 mV
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0
Power Supply Voltage, VDD (V)
TA = -40°C
TA = +25°C
TA = +85°C
60
70
80
90
100
110
120
130
1. E+0 2
1. E+0 3
1. E+0 4
1. E+0 5
Load Resistance (Ω)
VDD = 1.4V
VOUT = 0.5V to 0.9V
VDD = 5.5V
VOUT = 0.5V to 5.0V
100
1k
10k
100k
80
90
100
110
120
130
140
0.00
0.05
0.10
0.15
0.20
0.25
Output Voltage Headroom, VDD-VOUT or VOUT-VSS (V)
RL = 50 kΩ
VDD = 5.5V
VDD = 1.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com