Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9092-01TB Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML9092-01TB
Description  LCD Driver with Key Scanner and RAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9092-01TB Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML9092-01TB Datasheet HTML 9Page - OKI electronic componets ML9092-01TB Datasheet HTML 10Page - OKI electronic componets ML9092-01TB Datasheet HTML 11Page - OKI electronic componets ML9092-01TB Datasheet HTML 12Page - OKI electronic componets ML9092-01TB Datasheet HTML 13Page - OKI electronic componets ML9092-01TB Datasheet HTML 14Page - OKI electronic componets ML9092-01TB Datasheet HTML 15Page - OKI electronic componets ML9092-01TB Datasheet HTML 16Page - OKI electronic componets ML9092-01TB Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
FEDL9092-01
OKI Semiconductor
ML9092-01/02/03/04
13/66
ML9092-03
Function
Pin
Symbol
Type
Description
63
CS
I
Chip select signal input pin
64
CP
I
Shift clock signal input pin. This pin is
connected to the Schmitt circuit internally.
65
DI/O
I/O
Serial data signal I/O pin. This pin is
connected to the Schmitt circuit internally.
CPU interface
66
KREQ
O
Key scan read and rotary encoder read
READY signal output pin.
77
OSC1
I
Oscillation
78
OSC2
O
Connect external resistors with this pin.
This pin is connected to the Schmitt circuit
internally.
If using an external clock, input it from the
OSC1 pin and leave the OSC2 pin open.
67
RESET
I
Reset input. Initial settings can be
established by applying a “L” level to this
pin. This pin is connected to the Schmitt
circuit internally.
Control signal
79
TEST
I
Test input pin. This pin is connected to the
VSS pin.
62–59
C0–C3
I
Input pins that detect status of key
switches. These pins are connected to the
Schmitt circuit internally.
58–53
R0–R5
O
Key switch scan signal output pins
Switch signal
51, 52
A, B
I
Rotary encoder signal input pins.
These pins are connected to the Schmitt
circuit internally.
Port output
80
PA0
O
Port A output pin
50–1,
100–91
SEG1–SEG60
O
LCD segment driver output pins
LCD driver output
90–81
COM1–COM10
O
LCD common driver output pins
76
VDD
—
Logic power supply pin
68
VSS
—
GND pin
74
VHIN
—
High-voltage power supply pin
73, 72, 70, 69
V0, V1, V2, V3
—
LCD bias pins
Power supply
75, 71
NC
—
Should be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66