Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UP1817PDDA Datasheet(PDF) 18 Page - uPI Group Inc.

Part # UP1817PDDA
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817PDDA Datasheet(HTML) 18 Page - uPI Group Inc.

Back Button UP1817PDDA Datasheet HTML 13Page - uPI Group Inc. UP1817PDDA Datasheet HTML 14Page - uPI Group Inc. UP1817PDDA Datasheet HTML 15Page - uPI Group Inc. UP1817PDDA Datasheet HTML 16Page - uPI Group Inc. UP1817PDDA Datasheet HTML 17Page - uPI Group Inc. UP1817PDDA Datasheet HTML 18Page - uPI Group Inc. UP1817PDDA Datasheet HTML 19Page - uPI Group Inc. UP1817PDDA Datasheet HTML 20Page - uPI Group Inc. UP1817PDDA Datasheet HTML 21Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
uP1817
18
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
CSO# (1V/Div)
VREF1 (1V/Div)
ALERT# (1V/Div)
VREF0 (1V/Div)
CSO# (1V/Div)
VREF1 (1V/Div)
ALERT# (1V/Div)
VREF0 (1V/Div)
CSO# (1V/Div)
VREF1 (1V/Div)
ALERT# (1V/Div)
VREF0 (1V/Div)
CSO# (1V/Div)
VREF1 (1V/Div)
ALERT# (1V/Div)
VREF0 (1V/Div)
CSO# (1V/Div)
VREF1 (1V/Div)
ALERT# (1V/Div)
VREF0 (1V/Div)
CSO# (1V/Div)
VREF1 (1V/Div)
ALERT# (1V/Div)
VREF0 (1V/Div)
Typical Operation Characteristics
Dynamic VID Down for IMVP8 Mode
Time : 1ms/Div
VID = 1.52V to 0.4V, Slew Rate = decay.
Dynamic VID Down for VR12.1 Mode
Time : 1ms/Div
VID = 1.52V to 0.4V, Slew Rate = decay.
Dynamic VID Down for IMVP8 Mode
Time : 1ms/Div
VID = 1.52V to 0.4V, Slew Rate = fast
Dynamic VID Down for IMVP8 Mode
Time : 1ms/Div
VID = 1.52V to 0.4V, Slew Rate = slow
Dynamic VID Up for IMVP8 Mode
Time : 10us/Div
VID = 0.4V to 1.52V, Slew Rate = fast
Dynamic VID Up for IMVP8 Mode
Time : 10us/Div
VID = 0.4V to 1.52V, Slew Rate = slow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com