Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6505BA1Q1706 Datasheet(PDF) 19 Page - Micro Analog systems

Part # MAS6505BA1Q1706
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1Q1706 Datasheet(HTML) 19 Page - Micro Analog systems

Back Button MAS6505BA1Q1706 Datasheet HTML 15Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 16Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 17Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 18Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 19Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 20Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 21Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 22Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 23Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
DA6505.005
11 June 2018
19 (44)
CONTROL REGISTER (EF/6FHEX)
The
Control
register
(EF/6FHEX)
contains
measurement
and
operating
mode
selection
settings. Writing to Control register starts the
selected measurements. See table 4.
There are oversampling ratio (OSR) settings for
temperature and pressure. The OSRT setting is for
temperature and OSRP for pressure measurement.
Each of them has seven settings 1/4x, 1/2x, 1x, 2x,
4x, 8x and 16x in addition to no measurement
setting. Thus it is possible select only temperature or
pressure measurement or both measurements. The
oversampling ratio setting affects measurement
resolution and speed and power consumption. The
highest value setting gives the highest resolution but
it has the longest A/D conversion time and the
highest power consumption. Similar way the lowest
value setting gives the lowest resolution but it has
the shortest A/D conversion time and the lowest
power consumption. Thus the multiple oversampling
ratio
settings
allow
optimizing
measurements
between speed, power consumption and resolution.
See ELECTRICAL CHARACTERISTICS on pages
3-7.
The MODE bits select from three operating modes.
The MODE=00 setting selects sleep mode in which
there are no measurements performed and only a
very small sleep current is drawn from the supplies.
The MODE=01 or 10 setting selects forced mode
which runs selected measurements only once after
which the device returns automatically to the sleep
mode.
The MODE=11 setting selects normal mode in which
selected
measurements
are
performed
automatically
in
a
loop.
The
delay
between
measurements is configured by DELAY bit setting in
the Configuration register (EE/6EHEX). To minimize
current consumption the device enters standby
mode for the time between measurements during
which only the internal clock oscillator is running.
The automatic measurements are stopped by setting
MODE=00 which selects the sleep mode.
Table 4. Control register (EF/6FHEX) description
Bit
Number
Bit
Name
Description
Value
Function
7-5
OSRT
Oversampling ratio
for temperature
measurement
000
001
010
011
100
101
110
111
No temperature measurement (default)
1/4x Very fast mode
1/2x Fast mode
1x Ultra low power
2x Low power
4x Standard resolution
8x High resolution
16x Ultra high resolution
4-2
OSRP
Oversampling ratio
for pressure
measurement
000
001
010
011
100
101
110
111
No pressure measurement (default)
1/4x Very fast mode
1/2x Fast mode
1x Ultra low power
2x Low power
4x Standard resolution
8x High resolution
16x Ultra high resolution
1-0
MODE
Operating mode
00
01, 10
11
Sleep mode (default)
Forced mode (single command based measurement)
Normal mode (automated measurements)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com