Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6505BA1Q1706 Datasheet(PDF) 35 Page - Micro Analog systems

Part # MAS6505BA1Q1706
Description  Piezoresistive Sensor Signal Interface IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6505BA1Q1706 Datasheet(HTML) 35 Page - Micro Analog systems

Back Button MAS6505BA1Q1706 Datasheet HTML 31Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 32Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 33Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 34Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 35Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 36Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 37Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 38Page - Micro Analog systems MAS6505BA1Q1706 Datasheet HTML 39Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
DA6505.005
11 June 2018
35 (44)
AFE AND ADC INPUT SIGNAL RANGE DEFINITIONS (continued)
Pressure signal settings: OFSP%=+35%, GAINP=+28.6
VINMIN=1400mV*(-0.5+35%/100%)/28.6
 -7.3mV
VINMAX=1400mV*(0.5+35%/100%)/28.6
 +41.6mV
VINLINMIN=1400mV*(-0.5*80%+35%/100%)/28.6
 --2.4mV
VINLINMAX=1400mV*(0.5*80%+35%/100%)/28.6
 +36.7mV
The digital A/D conversion result (CODE) is an unsigned 24-bit number between 0 and 11184810. The maximum
A/D conversion code value 11184810 is referred here as CODEFS. The linear input signal range codes range
from 10% to 90% of CODEFS i.e. from 1118481 to 10066329. Thus it is possible to see from the A/D conversion
result whether or not the input signal is within the linear input signal range of the ADC (ISRLINADC). The A/D
conversion result (CODE) depends on the input signal (VIN) as follows.


−
+
=
%
100
%
2
1
OFS
ISRADC
GAIN
VIN
CODEFS
CODE
Equation 10
where
CODEFS = 11184810 A/D-converter maximum code (minimum code is zero)
ISRADC = 1400mV Overall input signal range of ADC
GAIN = ±(1x .. 55.8x) AFE gain setting
OFS% = -49% .. +49% ADC offset setting in percentage
The corresponding input signal voltage (VIN) can be calculated from the A/D conversion result (CODE) as follows.
+
−
=
%
100
%
2
1
OFS
CODEFS
CODE
GAIN
ISRADC
VIN
Equation 11
Examples
VIN=+20mV, GAIN=+16, %OFS=+21%:
CODE=11184810*(0.5+20mV*16/1400mV-21%/100%)+)
5800123
CODE=5160991, GAIN=+16, %OFS=+21%:
VIN=(1400mV/16)*11184810*(5160991/11184810-0.5+21%/100%)
+15.0mV
AFE GAIN AND ADC OFFSET SELECTIONS
The AFE gain (GAIN) and ADC offset (OFS%) settings should be chosen such a way that the sensor signal (VS)
stays in the linear input signal range of the ADC (ISRLINADC) in all conditions to avoid inaccuracies due to non-
linearity or even signal clipping. The optimal offset (OFS%OPT) and gain (GAINOPT) values are values which
maximize resolution while keeping the amplified signal within the ISRLINADC. To be able to determine these
values the sensor signal minimum (VSMIN) and maximum (VSMAX) values need to be known.
The optimal GAIN and OFS% values can be calculated using equations 12 and 13.
%
100
2
1
%
−
+
=
MIN
MAX
MIN
MAX
OPT
VS
VS
VS
VS
OFS
Equation 12
MIN
MAX
OPT
VS
VS
ISRADC
GAIN
−
=
%
80
Equation 13
With these OFS% and GAIN values the sensor signal is fit perfectly into the linear range of the ADC. In practice
the MAS6505 supports discrete OFS% and GAIN options so that rounding to closest values are necessary. Also
this ideal calculation may lead to out of range OFS% and/or GAIN values that are not supported by the MAS6505.
In this case the search for the best values that maximize the gain setting but also keep the signal within the linear
input signal range requires more steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com