| Electronic Components Datasheet Search |
|
MAS6505BA1Q1706 Datasheet(PDF) 31 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6505BA1Q1706 Datasheet(HTML) 31 Page - Micro Analog systems |
|
31 / 44 page ![]() DA6505.005 11 June 2018 31 (44) 2-WIRE SERIAL DATA INTERFACE (I2C BUS) Figure 7. I2C bus protocol definitions Bus communication includes Acknowledge (A) and not Acknowledge (N) messages. To send an acknowledge the receiver device pulls the SDI low for one SCK clock cycle. For not acknowledge (N) the receiver device leaves the SDI high for one SCK clock cycle in which case the master can then generate either a Stop (P) bit to abort the transfer, or a repeated Start (Sr) bit to start a new transfer. Abbreviations: A= Acknowledge N = Not Acknowledge S = Start Sr = Repeated Start P = Stop = from Master (MCU) to Slave (MAS6505) = from Slave (MAS6505) to Master (MCU) Measurement Configuration and Starting – Write Sequence Prior starting measurements a suitable configuration setup should be written to the Configuration register (EE/6EHEX). Actual A/D conversion is started by writing measurement setup into the Control register (EFHEX). The Control register write sequence is illustrated in Table 13. Since Configuration and control register addresses are consecutive it is also possible to write both registers in the same write sequence by utilizing the incremental write feature of MAS6505. This is illustrated in the table 14. . Table 13. MAS6505 I2C bus write sequence of Control register S AW A ACT A DCT A P Table 14. MAS6505 I2C bus incremental write sequence of both Configuration and Control registers S AW A ACF A DCF A DCT A P Abbreviations: AW = Device write address EAHEX (%1110 1010) AR = Device read address EBHEX (%1110 1011) ACF = Configuration reg. addr. EEHEX (%1110 1110) ACT = Control reg. addr. EFHEX (%1110 1111) DCF=Data of Configuration register DCT=Data of Control register Ax = Address of non-specified register Dx = Data of non-specified register AP = MSB register address of pressure result (F1HEX, %1111 0001) AT = MSB register address of temperature result (F4HEX, %1111 0100) Dxy = Data of measurement result register; temperature (x=T), pressure (x=P), MSB (y=M), LSB (y=L) or XLSB (y=X) Each serial bus operation, like write, starts with the start (S) bit (see Figure 7). After start (S) the MAS6505 device address with write bit (AWTable ) is sent followed by an Acknowledge (A). Next the target register address is sent and followed by an Acknowledge (A). Then the data is written one byte at a time. Each byte is followed by an Acknowledge (A). The serial bus operation is ended with stop (P) command (see Figure 7). The MAS6505 starts configured measurement right after receiving the Configuration register (EEHEX) bits. SDI SCK S P 1 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |