| Electronic Components Datasheet Search |
|
MAS6505BA1Q1706 Datasheet(PDF) 33 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6505BA1Q1706 Datasheet(HTML) 33 Page - Micro Analog systems |
|
33 / 44 page ![]() DA6505.005 11 June 2018 33 (44) 4-WIRE OR 3-WIRESERIAL DATA INTERFACE (SPI BUS) Figure 9 illustrates 4-wire (WIRE=0) SPI bus read access communication. The SDO line is at high impedance state (HZ) until it outputs the MSB data bit (DO7) at falling edge of the eight SCK clock pulse. The auto increment function can be utilized also in read access. If there are more than one data byte read the additional data bytes are delivered from following incremented register addresses. Returning CSB high ends the SPI communication and sets the SDO pin to high impedance state (HZ). Figure 9. SPI 4-Wire (WIRE=0) Protocol – Read Access (register address MSB bit A7=1) Figure 10 illustrates 3-wire (WIRE=1) SPI bus read access communication. The SDI input line turns into output after falling edge of the eight SCK clock pulse. The first read data bit is the MSB bit and the last LSB bit is send to SDI line at the falling edge of the 15th SCK clock pulse. Master reads the data bits at the rising edges of the SCK clock pulses. The auto increment function can be utilized also in read access and if there are more than one data byte read the additional data bytes are delivered from following register addresses. In 3-wire SPI bus write access communication the MAS6505 keeps the SDO line in high impedance state (HZ) during the whole communication. Figure 10. SPI 3-Wire (WIRE=1) Protocol – Read Access (register address MSB bit A7=1) CSB SCK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 SDI A7=1(R) A6 A5 A4 A3 A2 A1 A0 SDO HZ DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 HZ CSB SCK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 SDI A7(RW) A6 A5 A4 A3 A2 A1 A0 DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |