Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F320B3BC90 Datasheet(PDF) 1 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 1 Page - Intel Corporation

  TE28F320B3BC90 Datasheet HTML 1Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 2Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 3Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 4Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 5Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 6Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 7Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 8Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
3 Volt Advanced Boot Block Flash
Memory
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
Preliminary Datasheet
Product Features
The 3 Volt Advanced Boot Block flash memory, manufactured on Intel’s latest 0.18
µm
technology, represents a feature-rich solution at overall lower system cost. The 3 Volt Advanced
Boot Block flash memory products in x16 will be available in 48-lead TSOP and 48-ball CSP
packages. The x8 option of this product family will only be available in 40-lead TSOP and 48-
ball µBGA* packages. Additional information on this product family can be obtained by
accessing Intel’s website at: http://www.intel.com/design/flash.
s
Flexible SmartVoltage Technology
— 2.7 V–3.6 V Read/Program/Erase
— 12 V VPP Fast Production Programming
s
2.7 V or 1.65 V I/O Option
— Reduces Overall System Power
s
High Performance
— 2.7 V–3.6 V: 70 ns Max Access Time
s
Optimized Block Sizes
— Eight 8-KB Blocks for Data,Top or
Bottom Locations
— Up to One Hundred Twenty-Seven 64-
KB Blocks for Code
s
Block Locking
—VCC-Level Control through WP#
s
Low Power Consumption
— 9 mA Typical Read Current
s
Absolute Hardware-Protection
—VPP = GND Option
—VCC Lockout Voltage
s
Extended Temperature Operation
— –40 °C to +85 °C
s
Automated Program and Block Erase
—Status Registers
s
Intel
® Flash Data Integrator Software
— Flash Memory Manager
— System Interrupt Manager
— Supports Parameter Storage, Streaming
Data (e.g., Voice)
s
Extended Cycling Capability
— Minimum 100,000 Block Erase Cycles
Guaranteed
s
Automatic Power Savings Feature
— Typical ICCS after Bus Inactivity
s
Standard Surface Mount Packaging
— 48-Ball CSP Packages
— 40- and 48-Lead TSOP Packages
s
Density and Footprint Upgradeable for
common package
— 4-, 8-, 16-, 32- and 64-Mbit Densities
s
ETOX™ VII (0.18
µ) Flash Technology
— 28F160/320/640B3xC
— 4-, 8-, 16-, and 32-Mbit also exist on
ETOX™ V (0.4
µ) and/or ETOX ™ VI
(0.25
µ) Flash Technology
s
x8 not recommended for new designs
s
4-Mbit density not recommended for new
designs
Order Number: 290580-012
October 2000
Notice: This document contains preliminary information on new products in production. The
specifications are subject to change without notice. Verify with your local Intel sales office that
you have the latest datasheet before finalizing a design.


Similar Part No. - TE28F320B3BC90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F320B3B110 INTEL-TE28F320B3B110 Datasheet
304Kb / 48P
SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320B3B90 INTEL-TE28F320B3B90 Datasheet
304Kb / 48P
SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320B3BA110 INTEL-TE28F320B3BA110 Datasheet
304Kb / 48P
SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320B3BA90 INTEL-TE28F320B3BA90 Datasheet
304Kb / 48P
SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
More results

Similar Description - TE28F320B3BC90

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
logo
Intel Corporation
28F008C3 INTEL-28F008C3 Datasheet
384Kb / 59P
3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
RD28F3208C3T70 INTEL-RD28F3208C3T70 Datasheet
1Mb / 70P
3 VOLT INTEL AdvancedBootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
3 Volt Intel Advanced Boot Block Flash Memory
28F800C3 INTEL-28F800C3 Datasheet
1Mb / 68P
Advanced Boot Block Flash Memory (C3)
logo
Numonyx B.V
28F800C3 NUMONYX-28F800C3 Datasheet
639Kb / 70P
Advanced Boot Block Flash
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Intel Corporation
PA28F400B5T80 INTEL-PA28F400B5T80 Datasheet
344Kb / 44P
5 VOLT BOOT BLOCK FLASH MEMORY
logo
ON Semiconductor
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com