Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F320B3BC90 Datasheet(PDF) 22 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 22 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 18Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 19Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 20Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 21Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 22Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 23Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 24Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 25Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
16
3UHOLPLQDU\
3.5.1
Active Power
With CE# at a logic-low level and RP# at a logic-high level, the device is in the active mode. Refer
to the DC Characteristic tables for ICC current values. Active power is the largest contributor to
overall system power consumption. Minimizing the active current could have a profound effect on
system power consumption, especially for battery-operated devices.
3.5.2
Automatic Power Savings (APS)
Automatic Power Savings provides low-power operation during read mode. After data is read from
the memory array and the address lines are quiescent, APS circuitry places the device in a mode
where typical current is comparable to ICCS. The flash stays in this static state with outputs valid
until a new location is read.
3.5.3
Standby Power
With CE# at a logic-high level (VIH) and device in read mode, the flash memory is in standby
mode, which disables much of the device’s circuitry and substantially reduces power consumption.
Outputs are placed in a high-impedance state independent of the status of the OE# signal. If CE#
transitions to a logic-high level during erase or program operations, the device will continue to
perform the operation and consume corresponding active power until the operation is completed.
System engineers should analyze the breakdown of standby time versus active time and quantify
the respective power consumption in each mode for their specific application. This will provide a
more accurate measure of application-specific power and energy requirements.
3.5.4
Deep Power-Down Mode
The deep power-down mode is activated when RP# = VIL (GND ± 0.2 V). During read modes,
RP# going low de-selects the memory and places the outputs in a high impedance state. Recovery
from deep power-down requires a minimum time of tPHQV (see AC Characteristics—Read
Operations, Section 4.5).
During program or erase modes, RP# transitioning low will abort the in-progress operation. The
memory contents of the address being programmed or the block being erased are no longer valid as
the data integrity has been compromised by the abort. During deep power-down, all internal
circuits are switched to a low power savings mode (RP# transitioning to VIL or turning off power to
the device clears the status register).
3.6
Power-Up/Down Operation
The device is protected against accidental block erasure or programming during power transitions.
Power supply sequencing is not required, since the device is indifferent as to which power supply,
VPP or VCC, powers-up first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com