Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE28F320B3BC90 Datasheet(PDF) 32 Page - Intel Corporation

Part # TE28F320B3BC90
Description  3 Volt Advanced Boot Block Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F320B3BC90 Datasheet(HTML) 32 Page - Intel Corporation

Back Button TE28F320B3BC90 Datasheet HTML 28Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 29Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 30Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 31Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 32Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 33Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 34Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 35Page - Intel Corporation TE28F320B3BC90 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
28F004/400B3, 28F008/800B3, 28F016/160B3, 28F320B3, 28F640B3
26
3UHOLPLQDU\
AC Characteristics, Continued
NOTES:
1. OE# may be delayed up to tELQV–tGLQV after the falling edge of CE# without impact on tELQV.
2. Sampled, but not 100% tested.
See Figure 7 for the AC waveform for read operations.
See Figure 5, “Input/Output Reference Waveform” on page 22 for timing measurements and maximum
allowable input slew rate.
#
Sym
Parameter
Density
64 Mbit
Unit
Product
90 ns
100 ns
VCC
2.7 V–3.6 V
2.7 V–3.6 V
Note
Min
Max
Min
Max
R1
tAVAV
Read Cycle Time
90
100
ns
R2
tAVQV
Address to Output Delay
90
100
ns
R3
tELQV
CE# to Output Delay
1
90
100
ns
R4
tGLQV
OE# to Output Delay
1
20
20
ns
R5
tPHQV
RP# to Output Delay
150
150
ns
R6
tELQX
CE# to Output in Low Z
2
0
0
ns
R7
tGLQX
OE# to Output in Low Z
2
0
0
ns
R8
tEHQZ
CE# to Output in High Z
2
20
20
ns
R9
tGHQZ
OE# to Output in High Z
2
20
20
ns
R10
tOH
Output Hold from Address, CE#, or
OE# Change, Whichever Occurs First
20
0
ns
Figure 7. AC Waveform: Read Operations
High Z
Valid Output
Address Stable
Data Valid
Device
Address Selection
Standby
ADDRESSES (A)
V
IH
V
IL
V
IH
V
IL
CE# (E)
V
IH
V
IL
V
OH
V
OL
V
IH
V
IL
OE# (G)
WE# (W)
DATA (D/Q)
RP# (P)
High Z
V
IH
V
IL
R1
R2
R4
R3
R5
R6
R7
R8
R9
R10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com