Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM65352 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM65352
Description  8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65352 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM65352 Datasheet HTML 1Page - OKI electronic componets MSM65352 Datasheet HTML 2Page - OKI electronic componets MSM65352 Datasheet HTML 3Page - OKI electronic componets MSM65352 Datasheet HTML 4Page - OKI electronic componets MSM65352 Datasheet HTML 5Page - OKI electronic componets MSM65352 Datasheet HTML 6Page - OKI electronic componets MSM65352 Datasheet HTML 7Page - OKI electronic componets MSM65352 Datasheet HTML 8Page - OKI electronic componets MSM65352 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
¡ Semiconductor
MSM65352/65352B
PIN DESCRIPTION
Basic Function
Function
Pin
Type
Description
64
—
Digital supply voltage (5V)
11
—
Digital ground
24
—
Analog supply voltage (5V)
15
—
Analog ground
27
—
Bias input for LCD driver
26
—
Bias input for LCD driver
25
—
Bias input for LCD driver
28
—
Ground for LCD driver bias
Power Supply
9I
Oscillation input pin on the OSC side:
Connect to a quartz oscillator (ceramic resonator),
or input external clock.
10
O
Oscillation output pin on the OSC side:
Connect to a quartz oscillator (ceramic resonator).
When external clock is input to the OSC0 pin, the
OSC1 pin should be kept open.
13
I
Oscillation input pin on the XT side:
Connect to a quartz oscillator of 32.768kHz.
12
O
Oscillation output pin on the XT side:
Connect to a quartz oscillator of 32.768kHz.
Oscillation
Control
14
I
System reset input:
When this pin is set to the "L" level, the internal
status is initialized to start execution of
instructions from address 0040H. The input is
pulled up to VDD with an internal pull-up resistor.
Symbol
VDD
GND
AVDD
AGND
VDD1
VDD2
VDD3
VDDL
OSC0
OSC1
XT
XT
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com