Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM65352 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM65352
Description  8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65352 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM65352 Datasheet HTML 1Page - OKI electronic componets MSM65352 Datasheet HTML 2Page - OKI electronic componets MSM65352 Datasheet HTML 3Page - OKI electronic componets MSM65352 Datasheet HTML 4Page - OKI electronic componets MSM65352 Datasheet HTML 5Page - OKI electronic componets MSM65352 Datasheet HTML 6Page - OKI electronic componets MSM65352 Datasheet HTML 7Page - OKI electronic componets MSM65352 Datasheet HTML 8Page - OKI electronic componets MSM65352 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
¡ Semiconductor
MSM65352/65352B
¡ Semiconductor
MSM65352/65352B
8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
GENERAL DESCRIPTION
The MSM65352 is a high performance 8-bit microcontroller that employs OKI original CPU core,
the nX-8/50. The MSM65352 includes 8K-byte program memory, 256-byte data memory, LCD
driver, timer, serial I/O and 4-bit A/D converter. Also available is the MSM65352B, which has four
LCD outputs in place of four output ports. Also available are the MSM65P352 and MSM65P352B,
which replace the on-chip program memory with one-time PROM.
FEATURES
• Operating range
Operating voltage
:
2.7V to 5.5V
Operating temperature
:
–20
°C to +70°C
Operating frequency:
High speed side
:
0 to 10MHz (@VDD=5V±10%)
(dual clock)
:
0 to 5MHz (@VDD=2.7V to 5.5V)
Low speed side
:
32.768kHz (@VDD=2.7V to 5.5V)
• Current consumption (Typ.): High speed side
:
5mA (@5MHz, VDD=3V)
20mA (@10MHz, VDD=5V)
1.5mA (@5MHz, VDD=3V, halt mode)
Low speed side
:
45mA (@32.768kHz, VDD=3V)
4mA (@VDD=3V, stop mode)
• Minimum instruction execution time :
400ns (@10MHz), 800ns (@5MHz)
• CPU core
:
8-bit CPU core nX-8/50
• General memory space
:
8K-byte program memory
• Local memory space
:
256-byte data memory + SFR
• LCD driver
:
16 ¥ 4 (MSM65352), 20 ¥ 4 (MSM65352B)
• I/O port
:
5 ports, 31 bits (MSM65352)
4 ports, 27 bits (MSM65352B)
Input-output port
:
2 ports ¥ 8 bits, 1 port ¥ 1 bit
Input port
:
1 port ¥ 1 bit
1 port ¥ 4 bits (Only for MSM65352)
Output port
:
1 port ¥ 8 bits, 1 port ¥ 1 bit
• Timer
:
8-bit auto-reload timer ¥ 2
Watchdog timer ¥ 1
Watch timer
(counter clock is fixed at XT=32.768kHz)
• Counter
:
Time base counter ¥ 1 (14 bits)
• Serial I/O
:
1ch, clock sync ¥ 1
• A/D converter
:
4-bit ¥ 8-ch, with reference current cutoff function
• Remote control input circuit
:
Receives signal in 32kHz/5MHz/10MHz operations
• Interrupt source
:
9 sources
• Package:
64-pin plastic QFP (QFP64-P-1414-0.80-BK)(Product name: MSM65352-¥¥¥GS-BK,
MSM65352B-¥¥¥GS-BK)
¥¥¥ indicates the code number.
E2E1019-27-Y3
This version: Jan. 1998
Previous version: Nov. 1996


Similar Part No. - MSM65352

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65353A OKI-MSM65353A Datasheet
137Kb / 20P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
More results

Similar Description - MSM65352

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM65344A OKI-MSM65344A Datasheet
125Kb / 16P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65354 OKI-MSM65354 Datasheet
137Kb / 20P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
MSM65355 OKI-MSM65355 Datasheet
129Kb / 18P
8-Bit Microcontroller with A/D Converter (with LCD Driver)
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_08 Datasheet
988Kb / 97P
8-bit Microcontroller with A/D Converter
T80C5112 ATMEL-T80C5112_00 Datasheet
763Kb / 97P
8-bit Microcontroller with A/D converter
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
8-bit Microcontroller with LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com