Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM65352 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM65352
Description  8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65352 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM65352 Datasheet HTML 2Page - OKI electronic componets MSM65352 Datasheet HTML 3Page - OKI electronic componets MSM65352 Datasheet HTML 4Page - OKI electronic componets MSM65352 Datasheet HTML 5Page - OKI electronic componets MSM65352 Datasheet HTML 6Page - OKI electronic componets MSM65352 Datasheet HTML 7Page - OKI electronic componets MSM65352 Datasheet HTML 8Page - OKI electronic componets MSM65352 Datasheet HTML 9Page - OKI electronic componets MSM65352 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6/15
¡ Semiconductor
MSM65352/65352B
Function
Pin
Type
Description
8-bit Input-output port (port 0):
Each of bits 0 to 7 is configured to be an input or
an output by the direction register of port 0
(P0DIR).
In addition to the basic function as the Input-output
port, a secondary function is allocated to each of
P0.0 through P0.7. Refer to the next table.
1
I/O
Port
8
to
8-bit Input-output port (port 1):
Each of bits 0 to 7 is configured to be input or
output by the direction register of port 1 (P1DIR).
In addition to the basic function as the Input-output
port, a secondary function is allocated to each of
P1.0 through P1.7. Refer to the next table.
56
I/O
63
to
Input port (port 2.0)
I
55
O
54
Output port (port 2.1)
Pulled high at the time of reset. If this pin is set to
the "0" level during reset, this IC goes into a test
mode, disabling execution of the user program.
Input-output port (port 2.2)
I/O
53
O
4-bit output port:
These pins are valid only for the MSM65352.
52
49
to
O
LCD common signal output pins
32
29
to
O
LCD segment signal output pins
In the case of MSM65352B, SEG0 to SEG19 and
Pin 33 to Pin 52 are used.
48
33
to
LCD Driver
Symbol
P0.7
P0.0
to
P1.7
P1.0
to
P2.0
(IN)
P2.1
(TEST)
P2.2
P4.3
P4.0
to
COM4
COM1
to
SEG15
SEG0
to
I
8-bit input port (port 3):
Each of P3.0 to P3.7 functions as analog input
channel of A/D converter.
16
23
to
P3.7
P3.0
to
Basic Function (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com