Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM65352 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM65352
Description  8-Bit Microcontroller with 4-Bit A/D Converter (with LCD Driver)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65352 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM65352 Datasheet HTML 5Page - OKI electronic componets MSM65352 Datasheet HTML 6Page - OKI electronic componets MSM65352 Datasheet HTML 7Page - OKI electronic componets MSM65352 Datasheet HTML 8Page - OKI electronic componets MSM65352 Datasheet HTML 9Page - OKI electronic componets MSM65352 Datasheet HTML 10Page - OKI electronic componets MSM65352 Datasheet HTML 11Page - OKI electronic componets MSM65352 Datasheet HTML 12Page - OKI electronic componets MSM65352 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
¡ Semiconductor
MSM65352/65352B
ELECTRICAL CHARACTERISTICS
DC Characteristics 1 (VDD=4.5 to 5.5V)
Parameter
Symbol
Condition
Typ.
Unit
"H" Input Voltage 1
VIH1
—
"H" Input Voltage 2
VIH2
—
VIL
—
"L" Input Voltage
VOH1
—
CPUCLK=1MHz
IOH = –200mA
—
IOH = –400mA
"L" Output Voltage 1
VOL1
IOL = 1.6mA
—
CPUCLK=1MHz
CPUCLK=1MHz
VOH2
"H" Output Voltage 2
*1
*2
"H" Output Voltage 1
*3
*4
"L" Output Voltage 2
*3
*4
VOL2
Input Leakage Current
*5
"L" Input Current
*6
ILI2
IIL
Input Capacitance
CI
IDD1
IDD2
IDD3
IDD4
IDD5
Operating Current
Consumption
VDD = 5V
XT
= 32kHz
OSC = 10MHz
IOL = 3.2mA
VI = VDD/0V
VI = 0V, VDD = 5V
f = 1MHz, Ta = 25˚C
Stop mode
*7
CPUCLK = 32kHz, HALT mode
*8
CPUCLK = 32kHz, no load.
*9
CPUCLK = 10MHz, HALT mode
*7
CPUCLK = 10MHz, no load.
Min.
Max.
2.4
0.7VDD
—
0.75VDD
0.75VDD
—
—
—
0.8
—
—
0.4
—
—
0.4
—
—
±10
–
200
–
40
–
400
5
——
15
—30
30
—60
80
—
160
8
—16
20
—40
mA
mA
mA
mA
mA
pF
mA
V
(GND = 0V, Ta = –20 to +70˚C)
*1 Excluding OSC0 and RESET
*2 Only for OSC0 and RESET
*3 Excluding P4
*4 Only for P4
*5 Excluding RESET
*6 Only for RESET
*7 Measured when LCD is operated
*8 Measured when OSC clock is stopped but LCD is operated without load
*9 Measured when OSC clock is stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com