Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6636 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM6636
Description  SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6636 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM6636 Datasheet HTML 1Page - OKI electronic componets MSM6636 Datasheet HTML 2Page - OKI electronic componets MSM6636 Datasheet HTML 3Page - OKI electronic componets MSM6636 Datasheet HTML 4Page - OKI electronic componets MSM6636 Datasheet HTML 5Page - OKI electronic componets MSM6636 Datasheet HTML 6Page - OKI electronic componets MSM6636 Datasheet HTML 7Page - OKI electronic componets MSM6636 Datasheet HTML 8Page - OKI electronic componets MSM6636 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
¡ Semiconductor
MSM6636
PIN CONFIGURATION (TOP VIEW)
PIN DESCRIPTION
Pin Name
I/O
Function
AVDD
1
—
Analog power supply pin
BO –
2
O
LAN - BUS output –
BI –
3
I
BI +
4
I
BO +
5
O
AGND
9
—
Analog ground pin
U - C
10
I
0: UART
1: clock synchronous serial select pin
M - N
11
I
0: MPC mode
1:normal mode select pin
DGND
12
—
Digital ground pin
OSC 1
13
O
Crystal oscillation output
OSC 0
14
I
Crystal oscillation input
A - D
15
I
0: data communication
1: address communication
SCLK / PAE
16
I
Serial clock input/Parity select pin
RXD
20
I
Serial data input pin
TXD
21
O
Serial data output pin
INT
22
O
Interrupt output pin
RES
23
I
Reset input pin
DVDD
24
—
Digital power supply pin
Pin #
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
DIP/
QFJ
SOP
LAN - BUS input –
LAN - BUS input +
LAN - BUS output +
18pin Plastic DIP
AVDD
DVDD
BO–
RES
BI–
INT
BI+
TXD
BO+
RXD
AGND
SCLK
/PAE
U-C
A-D
M-N
OSC0
DGND
OSC1
BI–
INT
BI+
TXD
BO+
RXD
AGND
SCLK
/PAE
U-C
A-D
18pin Plastic QFJ
AVDD
DVDD
BO–
RES
BI–
INT
BI+
TXD
BO+
RXD
NC
NC
NC
NC
NC
NC
AGND
SCLK/PAE
U-C
A-D
M-N
OSC0
DGND
OSC1
24pin Plastic SOP
NC: No Connection
1
2
3
4
5
6
7
8
9
8
7
6
5
4
3
2
1
0
1
1
1
1
1
1
1
1
1
2
118 17
8
9
10 11
3
4
5
6
7
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com