Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6636 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6636
Description  SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6636 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6636 Datasheet HTML 1Page - OKI electronic componets MSM6636 Datasheet HTML 2Page - OKI electronic componets MSM6636 Datasheet HTML 3Page - OKI electronic componets MSM6636 Datasheet HTML 4Page - OKI electronic componets MSM6636 Datasheet HTML 5Page - OKI electronic componets MSM6636 Datasheet HTML 6Page - OKI electronic componets MSM6636 Datasheet HTML 7Page - OKI electronic componets MSM6636 Datasheet HTML 8Page - OKI electronic componets MSM6636 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
¡ Semiconductor
MSM6636
GENERAL DESCRIPTION
The MSM6636 is a transmission controller for automotive LAN based on data communication
protocol SAE-J1850. This LSI can realize a data bus topology bus LAN system with a PWM bit
encoding method (41.6 K bps). In addition to a protocol control circuit, MSM6636 has an enclosed
quartz oscillation circuit, host CPU interface (clock synchronous serial / UART), a transmit/
receive buffer, and a bus receiver circuit that decreases the burden on the host CPU.
FEATURES
• Based on SAE-J1850 CLASS B DATA COMMUNICATION NETWORK INTERFACE (issued
August 12, 1991)
• CSMA/CD (Carrier-sense multiple access with collision detection)
• Internal transmit buffer (1 frame) and receive buffer (2 frames)
• Bit encoding: PWM (Pulse Width Modulation)
• Transmission Speed: 41.6K bps
• Multi-address setting with physical addressing: 1 type / functional addressing: 15 types
• Address filter function by multi-addressing (broadcasting possible)
• Automatic retransmission function by arbitration loss and non ACK
• 3 types of in-frame response support:
q Single-byte response from a single recipient
w Multi-byte response from a single recipient (with CRC code)
e Single-byte response from multiple recipients (ID response as ACK)
• Error detection by cyclic redundancy check (CRC)
• Various communication error detections
• Dual-wire bus abnormality detection by internal bus receiver and fault tolerance function
• Host CPU interface is LSB first / serial, 4 modes supported
q Clock synchronous serial (no parity)
Normal mode: 8-bit data
MPC Mode:
8-bit data + MPC bit (1: address / 0: data select bit)
w UART (yes/no parity selectable)
Normal mode: 1 start bit + 8-bit data + (parity) + 1 stop bit
MPC mode:
1 start bit + 8-bit data + MPC bit + (parity) + 1 stop bit
• Sleep Function
Low current consumption mode by oscillation stop (IDS Max < 50
µA)
SLEEP / WAKE UP control from host CPU, WAKE UP via LAN bus
• Available package 18pin DIP, 18 pin QFJ (PLCC) and 24pin SOP.
¡ Semiconductor
MSM6636
SAE-J1850 Communication Protocol Conformity Transmission Controller for Automo-
tive LAN


Similar Part No. - MSM6636

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6636B OKI-MSM6636B Datasheet
102Kb / 13P
SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
More results

Similar Description - MSM6636

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6636B OKI-MSM6636B Datasheet
102Kb / 13P
SAE-J1850 Multiplex Communication Protocol Conformity Transmission Controller for Automotive LAN
logo
NXP Semiconductors
AU5780 PHILIPS-AU5780 Datasheet
74Kb / 10P
SAE/J1850/VPW transceiver
1998 Jun 30
AU5780A PHILIPS-AU5780A Datasheet
83Kb / 12P
SAE/J1850/VPW transceiver
2001 Jun 19
logo
Red Lion Controls. Inc
GMPB REDLION-GMPB Datasheet
470Kb / 2P
PROFIBUS Protocol Communication
GMJ1939 REDLION-GMJ1939 Datasheet
385Kb / 2P
J1939 Protocol Communication
GMDN REDLION-GMDN Datasheet
473Kb / 2P
DeviceNet Protocol Communication
GMCAN REDLION-GMCAN Datasheet
385Kb / 2P
CAN Protocol Communication
logo
Microchip Technology
ATPL360 MICROCHIP-ATPL360 Datasheet
297Kb / 2P
Multi-Protocol Modem for Power Line Communication
8/17
logo
PHOENIX CONTACT
8235 PHOENIX-8235 Datasheet
286Kb / 22P
Inline communication terminal for serial data transmission
logo
Prosoft-Technology
MVI56-S3964R PROSOFT-MVI56-S3964R Datasheet
219Kb / 2P
Siemens 3964R Protocol Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com