Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6636 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6636
Description  SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6636 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6636 Datasheet HTML 1Page - OKI electronic componets MSM6636 Datasheet HTML 2Page - OKI electronic componets MSM6636 Datasheet HTML 3Page - OKI electronic componets MSM6636 Datasheet HTML 4Page - OKI electronic componets MSM6636 Datasheet HTML 5Page - OKI electronic componets MSM6636 Datasheet HTML 6Page - OKI electronic componets MSM6636 Datasheet HTML 7Page - OKI electronic componets MSM6636 Datasheet HTML 8Page - OKI electronic componets MSM6636 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
MSM6636
¡ Semiconductor
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rated Value
Unit
Power Supply Voltage
DVDD, AVDD
-0.3~7.0
V
Input Voltage
VI
-0.3~DVDD+0.3
V
Output Voltage
VO
-0.3~DVDD+0.3
V
PD(DIP)*1
Ta = 25°C
860
mW
Storage Temperature
TSTG
-55~150
°C
DGND = AGND = 0V
AVDD = DVDD
AVDD = DVDD
Power Dissipation
PD(QFJ)*2
Ta = 25°C
960
mW
PD(SOP)*3
Ta = 25°C
830
mW
PD(DIP)*1: 18PIN DIP package power dissipation
PD(QFJ)*2: 18PIN QFJ package power dissipation
PD(SOP)*3: 24PIN SOP package power dissipation
Power Dissipation Curve
1000
860
500
-40
25
125 150
Ambient temperature Ta (°C)
1000
960
500
-40
25
125 150
Ambient temperature Ta (°C)
1000
830
500
-40
25
125 150
Ambient temperature Ta (°C)
< 24PIN SOP package >
< 18PIN DIP package >
< 18PIN QFJ package >



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com