Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6636 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM6636
Description  SAE-J1850 Communication Protocol Conformity Transmission Controller for Automotive LAN
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6636 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM6636 Datasheet HTML 2Page - OKI electronic componets MSM6636 Datasheet HTML 3Page - OKI electronic componets MSM6636 Datasheet HTML 4Page - OKI electronic componets MSM6636 Datasheet HTML 5Page - OKI electronic componets MSM6636 Datasheet HTML 6Page - OKI electronic componets MSM6636 Datasheet HTML 7Page - OKI electronic componets MSM6636 Datasheet HTML 8Page - OKI electronic componets MSM6636 Datasheet HTML 9Page - OKI electronic componets MSM6636 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
MSM6636
¡ Semiconductor
AC Chacteristics
PWM Bit Timing
min
typ
max
min
max
Bit Length
TP1
23.64
24.00
24.36
21.00
28.00
µs
Parameter
Symbol
Transmit
Receive
Unit
"1" Dominant Width
TP2
6.90
7.00
7.11
5.00
12.00
µs
"0" Dominant Width
TP3
14.87
15.00
15.23
13.00
20.00
µs
"SOF" Dominant Width
TP4
30.54
31.00
31.47
29.00
36.00
µs
"SOF,BRK" Length
TP5
47.28
48.00
48.72
45.00
52.00
µs
"BRK" Dominant Width
TP6
38.42
39.00
39.59
37.00
44.00
µs
"EOD" + Bit Length
TP7
47.28
48.00
48.72
43.00
51.00
µs
"EOF" + Bit Length
TP8
70.92
72.00
—
69.00
76.00
µs
"0" Passive Width
TP10
8.86
9.00
9.14
4.00
15.00
µs
"EOF + IFS" + Bit Length
TP9
94.56
96.00
—
86.00
—
µs
Note: DVDD = AVDD = 5 V
± 10%, Ta = -40 ~ +125˚C, In setting 41.6 K bps
Dominant
Passive
" 1 "
Dominant
Passive
" 0 "
Dominant
Passive
" SOF "
" EOD "
Dominant
Passive
Dominant
Passive
" BRK "
LAST BIT
TP1
TP6
TP5
TP5
TP4
TP3
TP2
TP7
EOD
" EOF "
" IFS "
Dominant
Passive
LAST BIT
TP8
EOF
IFS
TP9
TP10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com