Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP140WF1 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LP140WF1
Description  14.0??Full HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WF1 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LP140WF1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Product Specification
LP140WF1
Liquid Crystal Display
Ver. 1.0
Oct. 02. 2013
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
This LCD employs two interface connections, a 30 pin connector used for the module electronics interface and
the other connector used for the integral backlight system.
Pin
Symbol
Description
Notes
1
NC
No Connect
[Interface Chip]
1. LCD :
Parade, DP643 (LCD Controller
Including eDP Receiver.
[Connector]
GT05Q-30S-H10, LSM, 30, 0.5
[Connector pin arrangement]
[LGD P-Vcom Share pin]
1. Pin for P-Vcom : #24, #25
2. P-Vcom Address : 01010000
2
GND
High Speed (Main Link) Ground
3
Lane1_N
Complement Signal-Lane 1
4
Lane1_p
True Signal-Main Lane 1
5
GND
High Speed (Main Link) Ground
6
Lane0_N
Complement Signal-Lane 0
7
Lane0_p
True Signal-Main Lane 0
8
GND
High Speed (Main Link) Ground
9
AUX_P
True Signal-Auxiliary Channel
10
AUX_N
Complement Signal-Auxiliary Channel
11
GND
High Speed (Main Link) Ground
12
VCC
LCD Logic and driver power (3.3V Typ.)
13
VCC
LCD Logic and driver power (3.3V Typ.)
14
NC
No Connect
15
GND
Ground
16
GND
Ground
17
HPD
HPD signal pin
18
GND
LED Backlight Ground
19
GND
LED Backlight Ground
20
GND
LED Backlight Ground
21
GND
LED Backlight Ground
22
LED_EN
LED Backlight On/Off
23
PWM
System PWM Signal input for dimming
24
NC
NO Connect
25
NC
NO Connect
26
VLED
LED Backlight Power (6.0V-21V)
27
VLED
LED Backlight Power (6.0V-21V)
28
VLED
LED Backlight Power (6.0V-21V)
29
VLED
LED Backlight Power (6.0V-21V)
30
NC
NO Connect
1
30
[LCD Module Rear View]
8 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com