Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP140WF1 Datasheet(PDF) 10 Page - LG Semicon Co.,Ltd.

Part # LP140WF1
Description  14.0??Full HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WF1 Datasheet(HTML) 10 Page - LG Semicon Co.,Ltd.

Back Button LP140WF1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Product Specification
LP140WF1
Liquid Crystal Display
Ver. 1.0
Oct. 02. 2013
3-4. Signal Timing Specifications
Table 6. TIMING TABLE
This is the signal timing required at the input of the User connector. All of the interface signal timing should be
satisfied with the following specifications and specifications of eDP Tx/Rx for its proper operation.
ITEM
Symbol
Min
Typ
Max
Unit
Note
DCLK
Frequency
fCLK
-
140.1
-
MHz
Hsync
Period
tHP
-
2092
-
tCLK
Width
tWH
-
36
-
Width-Active
tWHA
-
1920
-
Vsync
Period
tVP
-
1116
-
tHP
Width
tWV
-
5
-
Width-Active
tWVA
-
1080
-
Data
Enable
Horizontal back porch
tHBP
-
76
-
tCLK
Horizontal front porch
tHFP
-
60
-
Vertical back porch
tVBP
-
28
-
tHP
Vertical front porch
tVFP
-
3
-
3-5. Signal Timing Waveforms
Condition : VCC =3.3V
Low: 0.3VCC
High: 0.7VCC
Data Enable, Hsync, Vsync
Hsync
Data Enable
Vsync
Data Enable
t
WH
t
HP
t
HFP
t
HBP
t
VP
t
WV
t
VBP
t
VFP
tWHA
tWVA
tCLK
0.5 Vcc
DCLK
Appendix) all reliabilities are specified for timing specification based on refresh rate of 60Hz. However,
LP156WF4 has a good actual performance even at lower refresh rate (e.g. 40Hz or 50Hz) for power saving
mode, whereas LP156WF4 is secured only for function under lower refresh rate. 60Hz at Normal mode, 50Hz,
40Hz at Power save mode. Don’t care Flicker level (power save mode).
10 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com