Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP140WF1 Datasheet(PDF) 23 Page - LG Semicon Co.,Ltd.

Part # LP140WF1
Description  14.0??Full HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WF1 Datasheet(HTML) 23 Page - LG Semicon Co.,Ltd.

Back Button LP140WF1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 27Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Product Specification
LP140WF1
Liquid Crystal Display
Ver. 1.0
Oct. 02. 2013
LGD Proposal for system cover design.(Appendix)
9
Check mouse pad (touch pad) depth and shape of edge
Define
1.Mouse pad step is deep, it is caused panel crack by external load.
2. The edge shape must be smooth.
10
Check the step of keyboard area
Define
1. The step of keyboard at the side edge of main body, it is caused panel
crack
OK
NG
Mouse pad
a
[OK] a
≤ 0.3mm
[CO] 0.5mm
≥ a ≥ 0.3mm
[NG] a
≥ 0.5mm
Keyboard
Keyboard
OK
NG
push
crack
push
23 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com