Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP140WF1 Datasheet(PDF) 19 Page - LG Semicon Co.,Ltd.

Part # LP140WF1
Description  14.0??Full HD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP140WF1 Datasheet(HTML) 19 Page - LG Semicon Co.,Ltd.

Back Button LP140WF1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP140WF1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Product Specification
LP140WF1
Liquid Crystal Display
Ver. 1.0
Oct. 02. 2013
LGD Proposal for system cover design.(Appendix)
1
Gap check for securing the enough gap between LCM and System
back cover.
Define
1.Rear side of LCM is sensitive against external stress, and previous check
about interference is highly needed.
2.In case there is something from system cover comes into the boundary
above,mechanical interference may cause the FOS defects.
(Eg: Ripple, White spot..)
2
Check if antenna cable is sufficiently apart from T-CON of LCD
Module.
Define
1.If system antenna is overlapped with T-CON,it might be cause the noise
NG
OK
T-CON
T-CON
LCM
PAD
Back cover
Boss
Back cover
PAD
Boss
a
b
◆ a : min 0mm
◆ b : min 0.3mm, Max 1.0mm
19 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com