Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPCQ16 Datasheet(PDF) 33 Page - Intel Corporation

Part # EPCQ16
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ16 Datasheet(HTML) 33 Page - Intel Corporation

Back Button EPCQ16 Datasheet HTML 29Page - Intel Corporation EPCQ16 Datasheet HTML 30Page - Intel Corporation EPCQ16 Datasheet HTML 31Page - Intel Corporation EPCQ16 Datasheet HTML 32Page - Intel Corporation EPCQ16 Datasheet HTML 33Page - Intel Corporation EPCQ16 Datasheet HTML 34Page - Intel Corporation EPCQ16 Datasheet HTML 35Page - Intel Corporation EPCQ16 Datasheet HTML 36Page - Intel Corporation EPCQ16 Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
1.7.5. Fast Read Operation (0Bh)
When you execute the fast read operation, you first shift in the fast read operation
code, followed by a 3-byte addressing mode (A[23..0]) or a 4-byte addressing
mode (A[31..0]), and dummy clock cycle(s) with each bit being latched-in during
the rising edge of the DCLK signal. Then, the memory contents at that address is
shifted out on DATA1 with each bit being shifted out at a maximum frequency of
100 MHz during the falling edge of the DCLK signal.
Figure 11.
Fast Read Operation Timing Diagram
To access the entire EPCQ256 or EPCQ512/A memory, use 4-byte addressing mode. In the 4-byte addressing
mode, the address width is 32-bit address.
nCS
DCLK
DATA0
DATA1
nCS
DCLK
DATA0
DATA1
0
1
2
3
4
5
6
7
8
9
10
28 29 30 31
Operation Code (0Bh)
8 Dummy Clock Cycles
24-Bit Address
MSB
MSB
MSB
MSB
High Impedance
23 22 21
3
2
1
0
Byte1
Byte 2
32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
7
6
5
4
3
2
1
0
The first byte address can be at any location. The device automatically increases the
address to the next higher address after shifting out each byte of data. Therefore, the
device can read the whole memory with a single fast read operation. When the device
reaches the highest address, the address counter restarts at 0x000000, allowing the
read sequence to continue indefinitely.
You can terminate the fast read operation by driving the nCS signal high at any time
during data output. If the fast read operation is shifted in while an erase, program, or
write cycle is in progress, the operation is not executed and does not affect the erase,
program, or write cycle in progress.
1.7.6. Extended Dual Input Fast Read Operation (BBh)
This operation is similar to the fast read operation except that the data and addresses
are shifted in and out on the DATA0 and DATA1 pins.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com