| Electronic Components Datasheet Search |
|
EPCQ16 Datasheet(PDF) 5 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
EPCQ16 Datasheet(HTML) 5 Page - Intel Corporation |
|
5 / 48 page ![]() 1.2. Features EPCQ devices offer the following features: • Serial or quad-serial FPGA configuration in devices that support active serial (AS) x1 or AS x4 configuration schemes(2) • Low cost, low pin count, and non-volatile memory • 2.7-V to 3.6-V operation • Available in 8- or 16- small-outline integrated circuit (SOIC) package • Reprogrammable memory with up to 100,000 erase or program cycles • Write protection support for memory sectors using status register bits • Fast read, extended dual input fast read, and extended quad input fast read of the entire memory using a single operation code • Write bytes, extended dual input fast write bytes, and extended quad input fast write bytes of the entire memory using a single operation code • Reprogrammable with an external microprocessor using the SRunner software driver • In-system programming (ISP) support with the SRunner software driver • ISP support with Intel FPGA Download CableIntel FPGA Download Cable II, Intel FPGA Ethernet Cable • By default, the memory array is erased and the bits are set to 1 • More than 20 years data retention Related Information Errata Sheet for EPCQ Devices 1.3. Operating Conditions Tables in this section list information about the absolute maximum ratings, recommended operating conditions, DC operating conditions, ICC supply current, and capacitance for EPCQ devices. Note: The values of the tables in this section are finalized for EPCQ16, EPCQ32, EPCQ64, EPCQ128, EPCQ256, and EPCQ512/A devices. The operating conditions for all of these devices are the same unless indicated otherwise. 1.3.1. Absolute Maximum Ratings Table 2. Absolute Maximum Ratings Symbol Parameter Condition Min Max Unit VCC Supply voltage With respect to GND –0.6 4 V VI (3) DC input voltage With respect to GND –0.6 4 V continued... (2) AS x4 is not supported in EPCQ512 devices. Refer to the Errata Sheet for EPCQ Devices for more information. 1. Quad-Serial Configuration (EPCQ) Devices Datasheet CF52012 | 2018.06.01 Quad-Serial Configuration (EPCQ) Devices Datasheet 5 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |