Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPCQ16 Datasheet(PDF) 46 Page - Intel Corporation

Part # EPCQ16
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EPCQ16 Datasheet(HTML) 46 Page - Intel Corporation

Back Button EPCQ16 Datasheet HTML 40Page - Intel Corporation EPCQ16 Datasheet HTML 41Page - Intel Corporation EPCQ16 Datasheet HTML 42Page - Intel Corporation EPCQ16 Datasheet HTML 43Page - Intel Corporation EPCQ16 Datasheet HTML 44Page - Intel Corporation EPCQ16 Datasheet HTML 45Page - Intel Corporation EPCQ16 Datasheet HTML 46Page - Intel Corporation EPCQ16 Datasheet HTML 47Page - Intel Corporation EPCQ16 Datasheet HTML 48Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Pin
Nam
e
AS x1 Pin-Out
Diagram
AS x4 Pin-Out
Diagram
Pin Type
Description
Pin
Number
in 8-Pin
SOIC
Package
Pin
Number
in 16-
Pin SOIC
Package
Pin
Number
in 8-Pin
SOIC
Package
Pin
Number
in 16-
Pin SOIC
Package
DC
LK
6
16
6
16
Input
The FPGA provides the DCLK signal. This signal provides the
timing for the serial interface. The data presented on the
DATA0
pin is latched to the EPCQ device on the rising edge
of the DCLK signal. The data on the DATA pin changes after
the falling edge of the DCLK signal and is latched in to the
FPGA on the next falling edge of the DCLK signal.
VCC
8
2
8
2
Power
Connect the power pins to a 3.3-V power supply.
GN
D
4
10
4
10
Ground
Ground pin.
1.12. Device Package and Ordering Code
Related Information
Packaging Specifications and Dimensions
1.12.1. Package
The EPCQ16 and EPCQ32 devices are available in 8-pin SOIC packages. The EPCQ64,
EPCQ128, EPCQ256, and EPCQ512/A devices are available in 16-pin SOIC packages.
For a 16-pin SOIC package, you can migrate vertically from EPCQ64 device to
EPCQ128, EPCQ256, or EPCQ512/A device. You can also migrate EPCQ128 device to
EPCQ256 or EPCQ512/A device, and EPCQ256 device to EPCQ512/A device.
1.12.2. Ordering Code
Table 36.
EPCQ Device Ordering Codes
Device
Ordering Code(21)
EPCQ16
EPCQ16SI8N
EPCQ32
EPCQ32SI8N
EPCQ64
EPCQ64SI16N
EPCQ128
EPCQ128SI16N
EPCQ256
EPCQ256SI16N
EPCQ512/A
EPCQ512ASI16N
(21) N indicates that the device is lead free.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com