| Electronic Components Datasheet Search |
|
EPCQ16 Datasheet(PDF) 48 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
EPCQ16 Datasheet(HTML) 48 Page - Intel Corporation |
|
48 / 48 page ![]() Date Version Changes • Added Non-volatile Configuration Register Operation Bit Definition table. • Added read status operation timing diagram. • Updated EPCQ Device Pin Description table. • Added a link to the Packaging Specifications and Dimensions page. January 2014 2014.01.10 • Added EPCQ512 device support. • Added the write non-volatile configuration register operation. • Added a link to the ALTASMI_PARALLEL IP Core User Guide. • Removed preliminary for EPCQ16, EPCQ32, EPCQ64, EPCQ128, and EPCQ256 devices. • Updated block protection bits for EPCQ16, EPCQ32, EPCQ64, EPCQ128, and EPCQ256 devices. • Updated the dummy byte term to dummy cycle. • Updated the dummy cycles for the read device identification operation in the Operation Codes for EPCQ Devices. • Updated the tCL and tCH parameters in the write operation timing diagram. • Updated the Package section. • Updated the erase bulk cycle time for EPCQ16 and EPCQ32 devices. • Updated the operating temperature in the Recommended Operating Conditions. July 2012 3.0 • Added Table 3, Table 4, and Table 5 to include the address range for EPCQ16, EPCQ32, and EPCQ64 devices. • Added Table 9, Table 10, Table 11, Table 12, Table 13, and Table 14 to include the block protection bits for EPCQ16, EPCQ32, and EPCQ64 devices. • Added Figure 5, Figure 20 and Figure 21 to include EPCQ16 and EPCQ32 devices. • Updated the “Device Package and Ordering Code” section. • Updated Table 1, Table 2, Table 19, Table 20, Table 27, and Table 28 to include EPCQ16, EPCQ32, and EPCQ64 devices. • Updated the address bytes for the extended quad input fast write bytes operation in Table 8. • Updated Figure 22 and Figure 23 to include EPCQ64 devices. January 2012 2.0 • Added Figure 2. • Updated “Read Bytes Operation” and “Fast Read Operation” sections. • Updated Figure 1, Figure 3, Figure 4, Figure 7, and Figure 13. • Updated Table 5, Table 11, Table 12, and Table 14. • Minor text edits. June 2011 1.0 Initial release. 1. Quad-Serial Configuration (EPCQ) Devices Datasheet CF52012 | 2018.06.01 Quad-Serial Configuration (EPCQ) Devices Datasheet 48 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |