Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8116BGL Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD8116BGL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116BGL Datasheet(HTML) 2 Page - Leadtrend Technology

  LD8116BGL Datasheet HTML 1Page - Leadtrend Technology LD8116BGL Datasheet HTML 2Page - Leadtrend Technology LD8116BGL Datasheet HTML 3Page - Leadtrend Technology LD8116BGL Datasheet HTML 4Page - Leadtrend Technology LD8116BGL Datasheet HTML 5Page - Leadtrend Technology LD8116BGL Datasheet HTML 6Page - Leadtrend Technology LD8116BGL Datasheet HTML 7Page - Leadtrend Technology LD8116BGL Datasheet HTML 8Page - Leadtrend Technology LD8116BGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LD8116B
08/28/2018
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116B-DS-01 August 2018
Pin Configuration
Y
: Year code (N: 2014, O: 2015…..)
W
: Week code
PP
: Production code
V16B
: LD8116B
1
2
3
6
5
4
YWV
16B
PP
DIM CLAMP
VCC
OUT
GND
ISET
SOT-26 (TOP VIEW)
Ordering Information
Part number
Package
Top Mark
Shipping
LD8116B GL
SOT-26
YWV/16B
3000 /tape & reel
The LD8116BGL is ROHS compliant/ green packaged
Protection Mode
Part number
Internal OTP
LD8116B GL
Auto-recovery
Pin Descriptions
Pin
NAME
FUNCTION
1
VCC
Supply voltage pin.
2
GND
Ground or Power return pin.
3
OUT
This pin is dimming output. It’s an open-drain configuration.
Connect this pin to power supply by a resistor.
4
ISET
This pin is used to set bias current of DIM pin by a resistor
(= RISET)connected between this pin and GND.
5
CLAMP
This pin is used to set minimum output clamped duty cycle by a
resistor (= RCLAMP)connected between this pin and GND.
6
DIM
Dimming signal input;
- Voltage Potential : 0/1V to 10V
- PWM Dimming : 0.2k to 10kHz and amplitude is upper 3.2V
- Potentiometer : 0 to 100k ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com