Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8116BGL Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD8116BGL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116BGL Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD8116BGL Datasheet HTML 5Page - Leadtrend Technology LD8116BGL Datasheet HTML 6Page - Leadtrend Technology LD8116BGL Datasheet HTML 7Page - Leadtrend Technology LD8116BGL Datasheet HTML 8Page - Leadtrend Technology LD8116BGL Datasheet HTML 9Page - Leadtrend Technology LD8116BGL Datasheet HTML 10Page - Leadtrend Technology LD8116BGL Datasheet HTML 11Page - Leadtrend Technology LD8116BGL Datasheet HTML 12Page - Leadtrend Technology LD8116BGL Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
LD8116B
08/28/2018
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116B-DS-01 August 2018
Revision History
REV.
Date
Change Notice
00
08/03/2018
Original Specification
01
08/28/2018
Revise the features on the page 1: dimmer type of potentiometer, 0~100k Ohm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com