Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8116BGL Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD8116BGL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116BGL Datasheet(HTML) 4 Page - Leadtrend Technology

  LD8116BGL Datasheet HTML 1Page - Leadtrend Technology LD8116BGL Datasheet HTML 2Page - Leadtrend Technology LD8116BGL Datasheet HTML 3Page - Leadtrend Technology LD8116BGL Datasheet HTML 4Page - Leadtrend Technology LD8116BGL Datasheet HTML 5Page - Leadtrend Technology LD8116BGL Datasheet HTML 6Page - Leadtrend Technology LD8116BGL Datasheet HTML 7Page - Leadtrend Technology LD8116BGL Datasheet HTML 8Page - Leadtrend Technology LD8116BGL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LD8116B
08/28/2018
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116B-DS-01 August 2018
Absolute Maximum Ratings
VCC
-0.3V~60V
OUT
-0.3V~60V
OUT Sink Current
30mA
DIM
-0.3V~20V
ISET, CLAMP
-0.3V~6V
Maximum Junction Temperature
150C
Storage Temperature Range
-65C ~ 150C
Package Thermal Resistance (SOT-26, JA)
200C/W
Power Dissipation (SOT-26, at Ambient Temperature = 85°C)
200mW
Lead temperature (Soldering, 10sec)
260C
ESD Voltage Protection, Human Body Model
2.5KV
ESD Voltage Protection, Machine Model
250 V
Caution:
Stress exceeding maximum ratings may damage the device. Maximum ratings are stress ratings only. Functional operation above the
recommended operating conditions is not implied. Extended exposure to stress above recommended operating conditions may affect
device reliability.
Recommended Operating Conditions
*Note1
Item
Min.
Max.
Unit
Supply VCC Voltage
15
56
V
Operating Junction Temperature
-40
125
C
Resistor of ISET pin
33
330
kΩ
Source Current of DIM pin
-
300
A
Input voltage of DIM pin
0
13
V
Input PWM frequency of DIM pin
0.5
5
kHz
Capacitor of DIM pin(CDIM)
*Note2
330
1000
pF
Resistance of DIM pin(RDIM)
*Note2
1
6.5
kΩ
PWM Signal Input Rising and Falling
Time Rate
3
-
V/μs
High Voltage Level PWM Signal Input on
DIM pin
3.2
13
V
Low Voltage Level PWM Signal Input on
DIM pin
-
1.2
V
Sink current of OUT pin
-
20
mA
Note:
1.
It’s essential to connect VCC pin with a SMD ceramic capacitor (0.1
F~0.47F) to filter out the undesired switching noise for
stable operation. This capacitor should be placed close to IC pin as possible.
2.
Test condition is RISET=100KOhm. (This mean is IDIM=100A), and base on leadtrend’s patent for PWM input mode.
3.
This application is based on system operation condition. Please refer to electrical characteristic information or contact us.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com