Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD8116BGL Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD8116BGL
Description  Flexible Dimming Solution by PWM / 0-10V / Potentiometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD8116BGL Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD8116BGL Datasheet HTML 4Page - Leadtrend Technology LD8116BGL Datasheet HTML 5Page - Leadtrend Technology LD8116BGL Datasheet HTML 6Page - Leadtrend Technology LD8116BGL Datasheet HTML 7Page - Leadtrend Technology LD8116BGL Datasheet HTML 8Page - Leadtrend Technology LD8116BGL Datasheet HTML 9Page - Leadtrend Technology LD8116BGL Datasheet HTML 10Page - Leadtrend Technology LD8116BGL Datasheet HTML 11Page - Leadtrend Technology LD8116BGL Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LD8116B
08/28/2018
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD8116B-DS-01 August 2018
100.0
100.5
101.0
101.5
102.0
102.5
103.0
-40
0
40
80
120
Temperature(℃)
Fig.8 IDIM_100 VS. Temperature
4.60
4.70
4.80
4.90
5.00
5.10
5.20
-40
0
40
80
120
Temperature(℃)
Fig.9 VCLAMP_OPEN VS. Temperature
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
-40
0
40
80
120
Temperature(℃)
Fig.10 DOUT_4% VS. Temperature
3.00
3.50
4.00
4.50
5.00
5.50
6.00
6.50
7.00
7.50
8.00
-40
0
40
80
120
Temperature(℃)
Fig.11 DOUT_6% VS. Temperature
4.00
5.00
6.00
7.00
8.00
9.00
10.00
-40
0
40
80
120
Temperature(℃)
Fig.12 DOUT_8% VS. Temperature
40
65
90
115
140
165
190
-40
0
40
80
120
Temperature(℃)
Fig.13 VOUT_LOW VS. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com