Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF96 Datasheet(PDF) 10 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 10 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 121 page
background image
Page 10
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
1.2. Product Versions
The features of the three product variants are detailed in the following table.
Table 48 RF96/97/98 Device Variants and Key Parameters
Part Number
Frequency Range
Spreading Factor
Bandwidth
Effective Bitrate
Est. Sensitivity
RF96
137 - 1020 MHz
6 - 12
7.8 - 500 kHz
.018 - 37.5 kbps
-111 to -148 dBm
RF97
137 - 1020 MHz
6 - 9
7.8 - 500 kHz
0.11 - 37.5 kbps
-111 to -139 dBm
RF98
137 - 525 MHz
6- 12
7.8 - 500 kHz
.018 - 37.5 kbps
-111 to -148 dBm
1.3. Pin Diagram
The following diagram shows the pin arrangement of the QFN package, top view.
Figure 2. Pin Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com