Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF96 Datasheet(PDF) 41 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 41 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 37Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 38Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 39Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 42Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 121 page
background image
Page 41
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Table 63 DIO Mapping LoRa
TM Mode
Operating
Mode
DIOx
Mapping
DIO5
DIO4
DIO3
DIO2
DIO1
DIO0
ALL
00
ModeReady
CadDetected
CadDone
FhssChangeChannel
RxTimeout
RxDone
01
ClkOut
PllLock
ValidHeader
FhssChangeChannel
FhssChangeChannel
TxDone
10
ClkOut
PllLock
PayloadCrcError
FhssChangeChannel
CadDetected
CadDone
11
-
-
-
-
-
-
4.2. FSK/OOK Modem
4.2.1. Bit Rate Setting
The bitrate setting is referenced to the crystal oscillator and provides a precise means of setting the bit rate (or equivalently
chip) rate of the radio. In continuous transmit mode (Section 3.2.2) the data stream to be transmitted can be input directly
to the modulator via pin 9 (DIO2/DATA) in an asynchronous manner, unless Gaussian filtering is used, in which case the
DCLK signal on pin 10 (DIO1/DCLK) is used to synchronize the data stream. See section 4.2.2.3 for details on the
Gaussian filter.
In Packet mode or in Continuous mode with Gaussian filtering enabled, the Bit Rate (BR) is controlled by bits Bitrate in
RegBitrateMsb and RegBitrateLsb
BitRate = ---------------------------
F
----
X
----
O
-----
S
---
C
------------------------------
BitRate(15,0) + -----
i
--
t
--
r
--
a
----
t
--
e
---
F
----
r
--
a
----
c
-
16
Note:
BitrateFrac bits have no effect (i.e may be considered equal to 0) in OOK modulation mode.
The quantity BitrateFrac is hence designed to allow very high precision (max. 250 ppm programing resolution) for any
bitrate in the programmable range. Table 64 below shows a range of standard bitrates and the accuracy to within which
they may be reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com