Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF96 Datasheet(PDF) 14 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 14 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 121 page
background image
Page 14
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
FRC
RC Oscillator frequency
After calibration
-
62.5
-
kHz
BRF
Bit rate, FSK
Programmable values (1)
1.2
-
300
kbps
BRO
Bit rate, OOK
Programmable
1.2
-
32.768
kbps
BRA
Bit Rate Accuracy
ABS(wanted BR - available BR)
-
-
250
ppm
FDA
Frequency deviation, FSK (1)
Programmable
FDA + BRF/2 =< 250 kHz
0.6
-
200
kHz
Note
For Maximum Bit rate the maximum modulation index is 0.5.
2.4.3. FSK/OOK Mode Receiver
All receiver tests are performed with RxBw = 10 kHz (Single Side Bandwidth) as programmed in RegRxBw, receiving a
PN15 sequence. Sensitivities are reported for a 0.1% BER (with Bit Synchronizer enabled), unless otherwise specified.
Blocking tests are performed with an unmodulated interferer. The wanted signal power for the Blocking Immunity, ACR,
IIP2, IIP3 and AMR tests is set 3 dB above the receiver sensitivity level.
Table 53 FSK/OOK Receiver Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
RFS_F_LF
Direct tie of RFI and RFO pins,
shared Rx, Tx paths FSK sensitiv-
ity, highest LNA gain.
Lower frequency bands
FDA = 5 kHz, BR = 1.2 kb/s
FDA = 5 kHz, BR = 4.8 kb/s
FDA = 40 kHz, BR = 38.4 kb/s*
FDA = 20 kHz, BR = 38.4 kb/s**
FDA = 62.5 kHz, BR = 250 kb/s***
-
-
-
-
-
-121
-117
-107
-108
-95
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
Split RF paths, the RF switch
insertion loss is not accounted for.
Lower frequency bands
FDA = 5 kHz, BR = 1.2 kb/s
FDA = 5 kHz, BR = 4.8 kb/s
FDA = 40 kHz, BR = 38.4 kb/s*
FDA = 20 kHz, BR = 38.4 kb/s**
FDA = 62.5 kHz, BR = 250 kb/s***
-
-
-
-
-
-123
-119
-109
-110
-97
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
RFS_F_HF
Direct tie of RFI and RFO pins,
shared Rx, Tx paths FSK sensitiv-
ity, highest LNA gain.
Higher frequency bands
FDA = 5 kHz, BR = 1.2 kb/s
FDA = 5 kHz, BR = 4.8 kb/s
FDA = 40 kHz, BR = 38.4 kb/s*
FDA = 20 kHz, BR = 38.4 kb/s**
FDA = 62.5 kHz, BR = 250 kb/s***
-
-
-
-
-
-119
-115
-105
-105
-92
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
Split RF paths, LnaBoost is turned
on, the RF switch insertion loss is
not accounted for.
Higher frequency bands
FDA = 5 kHz, BR = 1.2 kb/s
FDA = 5 kHz, BR = 4.8 kb/s
FDA = 40 kHz, BR = 38.4 kb/s*
FDA = 20 kHz, BR = 38.4 kb/s**
FDA = 62.5 kHz, BR = 250 kb/s***
-
-
-
-
-
-123
-119
-109
-109
-96
-
-
-
-
-
dBm
dBm
dBm
dBm
dBm
RFS_O
OOK sensitivity, highest LNA gain
shared Rx, Tx paths
BR = 4.8 kb/s
BR = 32 kb/s
-
-
-117
-108
-
-
dBm
dBm
CCR
Co-Channel Rejection
-
-9
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com