Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF96 Datasheet(PDF) 60 Page - HOPE Microelectronics CO., Ltd.

Part # RF96
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF96 Datasheet(HTML) 60 Page - HOPE Microelectronics CO., Ltd.

Back Button RF96 Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 63Page - HOPE Microelectronics CO., Ltd. RF96 Datasheet HTML 64Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 121 page
background image
Page 60
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.9. Data Processing in FSK/OOK Mode
4.2.9.1. Block Diagram
Figure below illustrates the RF96/97/98 data processing circuit. Its role is to interface the data to/from the modulator/
demodulator and the uC access points (SPI and DIO pins). It also controls all the configuration registers.
The circuit contains several control blocks which are described in the following paragraphs.
Tx/Rx
CONTROL
DIO0
DIO1
DIO2
DIO3
DIO4
DIO5
Data
Rx
SYNC
RECOG.
Tx
PACKET
HANDLER
FIFO
(+SR)
SPI
NSS
SCK
MOSI
MISO
Potential datapaths (data operation mode dependant)
Figure 25. RF96/97/98 Data Processing Conceptual View
The RF96/97/98 implements several data operation modes, each with their own data path through the data processing
section. Depending on the data operation mode selected, some control blocks are active whilst others remain disabled.
4.2.9.2. Data Operation Modes
The RF96/97/98 has two different data operation modes selectable by the user:
Continuous mode: each bit transmitted or received is accessed in real time at the DIO2/DATA pin. This mode may be
used if adequate external signal processing is available.
Packet mode (recommended): user only provides/retrieves payload bytes to/from the FIFO. The packet is automatically
built with preamble, Sync word, and optional CRC and DC-free encoding schemes The reverse operation is performed
in reception. The uC processing overhead is hence significantly reduced compared to Continuous mode. Depending on
the optional features activated (CRC, etc) the maximum payload length is limited to 255, 2047 bytes or unlimited.
Each of these data operation modes is fully described in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com