Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF98 Datasheet(PDF) 9 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 9 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 5Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
Page 9
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
RF96/97/98
WIRELESS & SENSING
PRELIMINARY
DATASHEET
1. General Description
The RF96/97/98 incorporates the LoRaTM spread spectrum modem which is capable of achieving significantly longer
range than existing systems based on FSK or OOK modulation. With this new modulation scheme sensitivities 8 dB better
than FSK can be achieved with a low-cost, low-tolerance, crystal reference. This increase in link budget provides much
longer range and robustness without the need for external amplification. LoRaTM also provides significant advances in
selectivity and blocking performance, further improving communication reliability. For maximum flexibility the user may
decide on the spread spectrum modulation bandwidth (BW), spreading factor (SF) and error correction rate (CR). Another
benefit of the spread modulation is that each spreading factor is orthogonal - thus multiple transmitted signals can occupy
the same channel without interfering. This also permits simple coexistence with existing FSK based systems. Standard
GFSK, FSK, OOK, and GMSK modulation is also provided to allow compatibility with existing systems or standards such
as wireless MBUS and IEEE 802.15.4g.
The RF97 offers bandwidth options ranging from 7.8 kHz to 500 kHz with spreading factors ranging from 6 to 12, and
covering all available frequency bands. The RF97 offers the same bandwidth and frequency band options with spreading
factors from 6 to 9. The RF98 offers bandwidths and spreading factor options, but only covers the lower UHF bands.
1.1. Simplified Block Diagram
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com