Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF98 Datasheet(PDF) 56 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 56 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 121 page
background image
Page 56
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.8.2. Sequencer Transitions
The transitions between sequencer states are listed in the forthcoming table.
Table 71 Sequencer Transition Options
Variable
Transition
IdleMode
Selects the chip mode during Idle state:
0: Standby mode
1: Sleep mode
FromStart
Controls the Sequencer transition when the SequencerStart bit is set to 1 in Sleep or Standby mode:
00: to LowPowerSelection
01: to Receive state
10: to Transmit state
11: to Transmit state on a FifoThreshold interrupt
LowPowerSelection
Selects Sequencer LowPower state after a to LowPowerSelection transition
0: SequencerOff state with chip on Initial mode
1: Idle state with chip on Standby or Sleep mode depending on IdleMode
Note: Initial mode is the chip LowPower mode at Sequencer start.
FromIdle
Controls the Sequencer transition from the Idle state on a T1 interrupt:
0: to Transmit state
1: to Receive state
FromTransmit
Controls the Sequencer transition from the Transmit state:
0: to LowPowerSelection on a PacketSent interrupt
1: to Receive state on a PacketSent interrupt
FromReceive
Controls the Sequencer transition from the Receive state:
000 and 111: unused
001: to PacketReceived state on a PayloadReady interrupt
010: to LowPowerSelection on a PayloadReady interrupt
011: to PacketReceived state on a CrcOk interrupt. If CRC is wrong (corrupted packet, with CRC on but
CrcAutoClearOn is off), the PayloadReady interrupt will drive the sequencer to RxTimeout state.
100: to SequencerOff state on a Rssi interrupt
101: to SequencerOff state on a SyncAddress interrupt
110: to SequencerOff state on a PreambleDetect interrupt
Irrespective of this setting, transition to LowPowerSelection on a T2 interrupt
FromRxTimeout
Controls the state-machine transition from the Receive state on a RxTimeout interrupt (and on
PayloadReady
if FromReceive = 011):
00: to Receive state via ReceiveRestart
01: to Transmit state
10: to LowPowerSelection
11: to SequencerOff state
Note: RxTimeout interrupt is a TimeoutRxRssi, TimeoutRxPreamble or TimeoutSignalSync interrupt.
FromPacketReceived
Controls the state-machine transition from the PacketReceived state:
000: to SequencerOff state
001: to Transmit on a FifoEmpty interrupt
010: to LowPowerSelection
011: to Receive via FS mode, if frequency was changed
100: to Receive state (no frequency change)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com