Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF98 Datasheet(PDF) 97 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 97 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 93Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 94Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 95Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 96Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 97Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 98Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 99Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 100Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 101Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 121 page
background image
Page 97
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
Service registers
RegImageCal
(0x3b)
7
AutoImageCalOn
rw
0x00
*
Controls the Image calibration mechanism
0  Calibration of the receiver depending on the temperature is
disabled
1  Calibration of the receiver depending on the temperature
enabled.
6
ImageCalStart
wt
-
Triggers the IQ and RSSI calibration when set in Standby mode.
5
ImageCalRunning
r
0x00
Set to 1 while the Image and RSSI calibration are running.
Toggles back to 0 when the process is completed
4
unused
r
-
unused
3
TempChange
r
0x00
IRQ flag witnessing a temperature change exceeding
TempThreshold since the last Image and RSSI calibration:
0  Temperature change lower than TempThreshold
1  Temperature change greater than TempThreshold
2-1
TempThreshold
rw
0x01
Temperature change threshold to trigger a new I/Q calibration
00  5 °C
01  10 °C
10  15 °C
11  20 °C
0
TempMonitorOff
rw
0x00
Controls the temperature monitor operation:
0  Temperature monitoring done in all modes except Sleep and
Standby
1  Temperature monitoring stopped.
RegTemp
(0x3c)
7-0
TempValue
r
-
Measured temperature
-1°C per Lsb
Needs calibration for absolute accuracy
RegLowBat
(0x3d)
7-4
unused
r
-
unused
3
LowBatOn
rw
0x00
Low Battery detector enable signal
0  LowBat detector disabled
1  LowBat detector enabled
2-0
LowBatTrim
rw
0x02
Trimming of the LowBat threshold:
000  1.695 V
001  1.764 V
010  1.835 V (d)
011  1.905 V
100  1.976 V
101  2.045 V
110  2.116 V
111  2.185 V
Status registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com