Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF98 Datasheet(PDF) 101 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 101 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 97Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 98Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 99Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 100Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 101Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 102Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 103Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 104Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 105Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 121 page
background image
Page 101
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Table 88 High Frequency Additional Registers
Name
(Address)
Bits
Variable Name
Mode
Default
value
Low Frequency Additional Registers
RegAgcRefHf
(0x61)
7-6
unused
r
-
unused
5-0
AgcReferenceLevel
rw
0x1c
Sets the floor reference for all AGC thresholds:
AGC Reference[dBm]=
-174dBm+10*log(2*RxBw)+SNR+AgcReferenceLevel
SNR = 8dB, fixed value
RegAgcThresh1Hf
(0x62)
7-5
unused
r
-
unused
4-0
AgcStep1
rw
0x0e
Defines the 1st AGC Threshold
RegAgcThresh2Hf
(0x63)
7-4
AgcStep2
rw
0x05
Defines the 2nd AGC Threshold:
3-0
AgcStep3
rw
0x0b
Defines the 3rd AGC Threshold:
RegAgcThresh3Hf
(0x64)
7-4
AgcStep4
rw
0x0c
Defines the 4th AGC Threshold:
3-0
AgcStep5
rw
0x0c
Defines the 5th AGC Threshold:
RegPllHf
(0x70)
7-6
PllBandwidth
rw
0x03
Controls the PLL bandwidth:
00  75 kHz
10  225 kHz
01  150 kHz
11  300 kHz
5-0
reserved
rw
0x10
reserved. Retain default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com