Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF98 Datasheet(PDF) 79 Page - HOPE Microelectronics CO., Ltd.

Part # RF98
Description  Low Power Long Range Transceiver
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF98 Datasheet(HTML) 79 Page - HOPE Microelectronics CO., Ltd.

Back Button RF98 Datasheet HTML 75Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 77Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 78Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 79Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 80Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 81Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. RF98 Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 121 page
background image
Page 79
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
5.4.3. High Power +20 dBm Operation
The RF96/97/98 have a high power +20 dBm capability on PA_BOOST pin, with the following settings:
Table 78 High Power Settings
Register
Address
Value for
High Power
Default value
PA_HF/LF or
+17dBm
Description
RegPaDac
0x4d
0x87
0x84
Set Pmax to +20dBm for PA_HP
Notes - High Power settings must be turned off when using PA_LF or PA_HF
- The Over Current Protection limit should be adapted to the actual power level, in RegOcp
Specific Absolute Maximum Ratings and Operating Range restrictions apply to the +20 dBm operation. They are listed in
Table 79 and Table 80.
Table 79 Operating Range, +20dBm Operation
Symbol
Description
Min
Max
Unit
DC_20dBm
Duty Cycle of transmission at +20 dBm output
-
1
%
VSWR_20dBm
Maximum VSWR at antenna port, +20 dBm output
-
3:1
-
Table 80 Operating Range, +20dBm Operation
Symbol
Description
Min
Max
Unit
VDDop_20dBm
Supply voltage, +20 dBm output
2.4
3.7
V
The duty cycle of transmission at +20 dBm is limited to 1%, with a maximum VSWR of 3:1 at antenna port, over the
standard operating range [-40;+85°C]. For any other operating condition, contact your Hope RF representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com