Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD128MX Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FD128MX
Description  Single Phase Smart DC Motor Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD128MX Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FD128MX Datasheet HTML 1Page - Feeling Technology Corp. FD128MX Datasheet HTML 2Page - Feeling Technology Corp. FD128MX Datasheet HTML 3Page - Feeling Technology Corp. FD128MX Datasheet HTML 4Page - Feeling Technology Corp. FD128MX Datasheet HTML 5Page - Feeling Technology Corp. FD128MX Datasheet HTML 6Page - Feeling Technology Corp. FD128MX Datasheet HTML 7Page - Feeling Technology Corp. FD128MX Datasheet HTML 8Page - Feeling Technology Corp. FD128MX Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FD128MX/FD128NX
Technology
Single Phase Smart DC Motor Driver IC
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev0.6 Aug. 01, 2008
P.3
Recommended operating condition at Ta=25
oC
Parameter
Symbol
Conditions
Rating
Unit
Supply Voltage
VCC
4.5 to 20
V
VSET input range
VSET
0 to VCC-1.0
V
INN input Range
INN
0 to VCC
V
Electrical Characteristics at Ta=25
oC ; Vcc=12V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating Current
ICC1
Rotation mode
20
mA
ICC2
Lock mode
12
mA
CO pin high level
VCOH
3.9
V
CO pin low level
VCOL
1.0
V
CO charge current I1
ICOC1
VCO=0.5V
22
uA
CO charge current I2
ICOC2
VCO=1.0V
35
uA
CO discharge current
ICOD
VCO=4V
1.6
uA
CO lock voltage
VCOK
3.6
V
OFF/ON ratio
Toff/Ton
10
Output lower side saturation
voltage
VOL
IO=200mA
0.2
V
Output upper side saturation
voltage
VOH
IO=200mA
0.9
V
RD pin low voltage
VRDL
IRD=5mA
0.2
V
RD pin leakage current
IRDL
VRD=12
10
uA
INN pin high voltage
INH
2.4
V
INN pin low voltage
INL
0.8
V
CP pin high level
VCPH
3.9
V
CP pin low level
VCPL
1.8
V
CP charge current
ICPOC
VCO=0.5V
8.3
uA
CP discharge current
ICPD
VCO=4V
8.3
uA
Start-up Voltage
Vst
3.5
V
Minimum Speed
15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com