Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD128MX Datasheet(PDF) 6 Page - Feeling Technology Corp.

Part # FD128MX
Description  Single Phase Smart DC Motor Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD128MX Datasheet(HTML) 6 Page - Feeling Technology Corp.

Back Button FD128MX Datasheet HTML 2Page - Feeling Technology Corp. FD128MX Datasheet HTML 3Page - Feeling Technology Corp. FD128MX Datasheet HTML 4Page - Feeling Technology Corp. FD128MX Datasheet HTML 5Page - Feeling Technology Corp. FD128MX Datasheet HTML 6Page - Feeling Technology Corp. FD128MX Datasheet HTML 7Page - Feeling Technology Corp. FD128MX Datasheet HTML 8Page - Feeling Technology Corp. FD128MX Datasheet HTML 9Page - Feeling Technology Corp. FD128MX Datasheet HTML 10Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FD128MX/FD128NX
Technology
Single Phase Smart DC Motor Driver IC
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev0.6 Aug. 01, 2008
P.6
1. Input PWM signal by Vset pin
The slowest rotational speed is limited, it is unable to totally stop operating.
2. Input PWM signal by CP pin
The slowest rotational speed is not limited , can totally stop operating
Note: Circuit of using that please watch the application circuits.
Truth Table
INN
CP
CO
NO
SO
FG
RD
Mode
H
H
Un-lock
L
H
OFF
L
Rotation
L
H
L
L
L
H
L
L
OFF
OFF
L
Re-circulation
L
OFF
L
L
L
H
Lock
OFF
H
OFF
OFF
Lock Protect
L
H
OFF
L
OFF
Note: CP-H = CP > VSET, CP-L = CP < VSET
Application Notes
VDD(6)
VSET(8)
CO(7)
CP(2)
INN(1)
NO(3)
SO(5)
GND(4)
CO =1uF
CP =47pF
CS =1uF
CS =1uF
RS = 50
RS = 50
RTH =10K
RT1 =20K
CM =1uF
DC=12V
*6
*8
*8
*3
*4
*7
Hall IC input
(FG signal output)
FD128NX Appilcation circuit
Opitional
R =4.7K
FS177
CL =2.2uF
*1
EXT. PWM Signal(mode2)
EXT. PWM Signal(mode1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com